Electronic Components Datasheet Search
  English  ▼

X  

PTH04070W Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070W
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070W Datasheet(HTML) 1 Page - Texas Instruments

  PTH04070W Datasheet HTML 1Page - Texas Instruments PTH04070W Datasheet HTML 2Page - Texas Instruments PTH04070W Datasheet HTML 3Page - Texas Instruments PTH04070W Datasheet HTML 4Page - Texas Instruments PTH04070W Datasheet HTML 5Page - Texas Instruments PTH04070W Datasheet HTML 6Page - Texas Instruments PTH04070W Datasheet HTML 7Page - Texas Instruments PTH04070W Datasheet HTML 8Page - Texas Instruments PTH04070W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
STANDARD APPLICATION
VI
GND
GND
VO
RSET
(Required)
3
1
2
5
4
PTH04070W
(Top View)
C3*
47 mF
Electroytic
(Recommended)
C2*
47 mF
Ceramic
(Required)
C1*
47 mF
Ceramic
(Required)
Inhibit
*See The Capacitor Application Information
#See The Specification Table for Value
0.05 W#, 1%
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
www.ti.com
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
• Surface Mount Package
• Up to 3-A Output Current at 85°C
• Safety Agency Approvals:
UL/IEC/CSA-C22.2 60950-1
• 3.3-V / 5-V Input Voltage
• Wide-Output Voltage Adjust
(0.9 V to 3.6 V)
• Telecommunications, Instumentation,
• 160 W/in3 Power Density
and General-Purpose Circuits
• Efficiencies Up To 94%
• On/Off Inhibit
• Undervoltage Lockout (UVLO)
• Output Overcurrent Protection
(Nonlatching, Auto-Reset)
• Overtemperature Protection
• Ambient Temp. Range: –40°C to 85°C
The PTH04070W is a highly integrated, low-cost switching regulator module that delivers up to 3 A of output
current. Occupying less PCB area than a standard TO-220 linear regulator IC, the PTH04070W provides output
current at a much higher efficiency and with much less power dissipation, thereby eliminating the need for a heat
sink. Their small size (0.5
× 0.4 in), high efficiency, and low cost makes these modules attractive for a variety of
applications.
The input voltage range of the PTH04070W is from 3 V to 5.5 V, allowing operation from either a 3.3-V or 5-V
input bus. Using state-of-the-art switched-mode power-conversion technology, the PTH04070W can step down to
voltages as low as 0.9 V from a 5-V input bus, with typically less than 1 W of power dissipation. The output
voltage can be adjusted to any voltage over the range, 0.9 V to 3.6 V, using a single external resistor. Operating
features
include
an
undervoltage
lockout
(UVLO),
on/off
inhibit,
output
overcurrent
protection,
and
overtemperature protection. Target applications include telecommunications, test and measurement applications,
and high-end consumer products. The modules are available in both through-hole and surface-mount package
options, including tape and reel.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH04070W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI2-PTH04070W Datasheet
479Kb / 17P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
REVISED OCTOBER 2007
PTH04070WAD TI2-PTH04070WAD Datasheet
479Kb / 17P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
REVISED OCTOBER 2007
PTH04070WAD.B TI2-PTH04070WAD.B Datasheet
479Kb / 17P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
REVISED OCTOBER 2007
PTH04070WAH TI-PTH04070WAH Datasheet
402Kb / 15P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTH04070W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT6440 TI-PT6440 Datasheet
178Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PT5810 TI-PT5810 Datasheet
202Kb / 11P
20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04000W TI-PTH04000W_15 Datasheet
686Kb / 21P
3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com