Electronic Components Datasheet Search
  English  ▼

X  

PTH04070W Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070W
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070W Datasheet(HTML) 2 Page - Texas Instruments

  PTH04070W Datasheet HTML 1Page - Texas Instruments PTH04070W Datasheet HTML 2Page - Texas Instruments PTH04070W Datasheet HTML 3Page - Texas Instruments PTH04070W Datasheet HTML 4Page - Texas Instruments PTH04070W Datasheet HTML 5Page - Texas Instruments PTH04070W Datasheet HTML 6Page - Texas Instruments PTH04070W Datasheet HTML 7Page - Texas Instruments PTH04070W Datasheet HTML 8Page - Texas Instruments PTH04070W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE SPECIFICATIONS
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
over operating free-air temperature range unless otherwise noted
(1)
PTH04070
UNIT
TA
Operating free-air
Over VI range
-40 to 85
temperature
Twave
Wave solder
Surface temperature of module body or pins
Suffix AH & AD
260
temperature
(5 seconds maximum)
°C
Treflow
Solder reflow
Surface temperature of module body or pins
Suffix AS
235(2)
temperature
Suffix AZ
260(2)
Tstg
Storage temperature
-55 to 125(3)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
(3)
The shipping tray or tape and reel cannot be used to bake parts at temperatures higher than 65
°C.
MIN
MAX
UNIT
VI
Input voltage
3
5.5
V
TA
Operating free-air temperature
–40
85
°C
PTH04070WXX
Weight
1.5 grams
Flammability
Meets UL 94 V-O
Per Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine,
Mechanical shock
500 G (1)
mounted
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
20 G (1)
(1)
Qualification limit.
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH04070W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com