Electronic Components Datasheet Search
  English  ▼

X  

HAF Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HAF
Description  HONEYWELL ZEPHYR DIGITAL AIRFLOW SENSORS: HAF SERIES-HIGH ACCURACY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAF Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Honeywell Sensing and Control
3
Table 3. Environmental Characteristics
Characteristic
Parameter
Humidity
0% to 95% RH, non-condensing
Shock
100 g, 11 ms
Vibration
15 g at 20 Hz to 2000 Hz
ESD
Class 3B per MIL-STD 883G
Radiated immunity
Level 3 from (80 MHz to 1000 MHz) per spec IEC61000-4-3
Table 4. Wetted Materials
Characteristic
Parameter
Covers
high temperature polymer
Substrate
PCB
Adhesives
epoxy
Electronic components
silicon, gold
Compliance
RoHS, WEEE
Table 5. Recommended Mounting and Implementation
Characteristic
Parameter
CAUTION
LARGE PARTICULATE DAMAGE
Use a 5-micron filter upstream of the sensor
to keep media flow through the sensor free of
condensing moisture and particulates. Large,
high-velocity particles or conductive particles
may damage the sensing element.
Failure to comply with these instructions
may result in product damage.
Mounting screw size
5-40
Mounting screw torque
0.68 N m [6 in-lb]
Tubing for long port style
70 durometer, size 0.125 inch inside
diameter, 0.250 inch outside diameter silicone
tubing
O-ring for short port style
AS568A, Size 7, Silicone, Shore A 70
O-ring for long port style
AS568A, Size 10, Silicone, Shore A 70
Filter recommendation
5-micron filter upstream of the sensor
Figure 1. Nomenclature and Order Guide
Example Catalog
Listing
HAFBLS0200C2AX5 =
High accuracy airflow
sensor, bidirectional
forward flow optimized,
long port style, snap
mount housing, 200
SCCM, digital I2C output
with 0X29 address, 10%
to 90% transfer function,
5.0 Vdc supply voltage.
Customer-specific
Requirements
Apart from the general
configuration required,
other customer-specific
requirements are also
possible. Please contact
Honeywell.
Note:
1. The Long Port Port Style with the Snap Mount Housing Style is not a valid configuration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com