Electronic Components Datasheet Search
  English  ▼

X  

HAF Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HAF
Description  HONEYWELL ZEPHYR DIGITAL AIRFLOW SENSORS: HAF SERIES-HIGH ACCURACY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAF Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Honeywell Sensing and Control
5
Figure 7. Wave Solder Profile
0
20
40
60
80
100
0
50
100
150
200
250
300
Time (s)
Max. temp. = 243 °C
Max. temp. = 205 °C
Housing temp. (top of device)
Pin temp. (bottom of device)
Figure 8. Mounting Dimensions (For reference only: mm [in]). Additional port and housing styles available.
Long Port Style, Fastener Mount
Short Port Style, Snap Mount
SENSOR FOOTPRINT
VIEWED FROM TERMINAL SIDE
TERMINAL SIDE
1 2 3 4
1
2
3
4
2X PORTS
3,0
[0.12]
2,00 TYP.
[0.079]
MODEL NUMBER
LOT CODE
10,3
[0.40]
10,00
[0.39]
3,50
[0.14]
6,50
[0.26]
19,90
[0.78]
6,35
[0.25]
28,80
[1.13]
36,00
[1.42]
7,20
[0.28]
12,70
[0.50]
AIRFLOW DIRECTION, PORT SIDE
2X DIA. 3,40
[0.13]
1,00
[0.04]
7,20
[0.28]
4X DIA. 0,812
[0.032]
7,20
[0.28]
18,00
[0.71]
36,00
[1.42]
2X DIA. 3,40
[0.134]
2X DIA. 5,35
[0.21]
1
2
3
4
2X PORTS
TERMINAL SIDE
1 2 3 4
SENSOR FOOTPRINT
VIEWED FROM TERMINAL SIDE
MODEL NUMBER
LOT CODE
19,90
[0.78]
6,35
[0.25]
28,80
[1.13]
12,70
[0.50]
10,3
[0.40]
2,50
[0.10]
4,80
[0.19]
3,3
[0.13]
2,00 TYP.
[0.079]
1,00
[0.04]
3,00
[0.12]
12,8
[0.50]
26,00
[1.02]
1,80
[0.071]
6,50
[0.26]
10,40
[0.41]
7,20
[0.28]
4,60
[0.18]
26,00
[1.024]
AIRFLOW DIRECTION, PORT SIDE
22,0
[0.866]
2X DIA. 2,2 [0.086] THRU
HOLES FOR MOUNTING
3,80
[0.150]
4,00
[0.157]
2X 2,50
[0.098]
2X 7,20
[0.28]
0,65
[0.026]
22,00
[0.87]
4X DIA. 0,812
[0.032]
DIA. 2,30
[0.09]
Pinout (digital function)
1 = SCL
2 = Vsupply
3 = ground
4 = SDA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com