Electronic Components Datasheet Search
  English  ▼

X  

BT138 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT138
Description  12 A four-quadrant triacs, sensitive gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT138 Datasheet(HTML) 2 Page - NXP Semiconductors

  BT138 Datasheet HTML 1Page - NXP Semiconductors BT138 Datasheet HTML 2Page - NXP Semiconductors BT138 Datasheet HTML 3Page - NXP Semiconductors BT138 Datasheet HTML 4Page - NXP Semiconductors BT138 Datasheet HTML 5Page - NXP Semiconductors BT138 Datasheet HTML 6Page - NXP Semiconductors BT138 Datasheet HTML 7Page - NXP Semiconductors BT138 Datasheet HTML 8Page - NXP Semiconductors BT138 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BT138_SER _D_E_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 March 2008
2 of 12
NXP Semiconductors
BT138 series D and E
12 A four-quadrant triacs, sensitive gate
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
main terminal 1 (T1)
SOT78 (TO-220AB)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base; main terminal 2 (T2)
12
mb
3
sym051
T1
G
T2
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BT138-600D
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78
BT138-600E
BT138-800E
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BT138-600D
[1] -
600
V
BT138-600E
[1] -
600
V
BT138-800E
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 99 °C; see
Figure 4 and 5
-12
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to
surge; see Figure 2 and 3
t = 20 ms
-
95
A
t = 16.7 ms
-
105
A
I2tI2t for fusing
tp = 10 ms
-
45
A2s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com