Electronic Components Datasheet Search
  English  ▼

X  

BT138 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT138
Description  12 A four-quadrant triacs, sensitive gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT138 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BT138 Datasheet HTML 2Page - NXP Semiconductors BT138 Datasheet HTML 3Page - NXP Semiconductors BT138 Datasheet HTML 4Page - NXP Semiconductors BT138 Datasheet HTML 5Page - NXP Semiconductors BT138 Datasheet HTML 6Page - NXP Semiconductors BT138 Datasheet HTML 7Page - NXP Semiconductors BT138 Datasheet HTML 8Page - NXP Semiconductors BT138 Datasheet HTML 9Page - NXP Semiconductors BT138 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BT138_SER _D_E_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 March 2008
6 of 12
NXP Semiconductors
BT138 series D and E
12 A four-quadrant triacs, sensitive gate
6.
Static characteristics
Table 5.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
BT138-600D
BT138-600E
BT138-800E
Unit
Min
Typ
Max
Min
Typ
Max
IGT
gate trigger current
VD =12V; IT = 0.1 A;
see Figure 8
T2+ G+
-
1.3
5
-
2.5
10
mA
T2+ G
−
-
2.8
5
-
4.0
10
mA
T2
− G−
-
3.2
5
-
5.0
10
mA
T2
− G+
-
5.5
10
-
11
25
mA
IL
latching current
VD =12V; IG = 0.1 A;
see Figure 10
T2+ G+
-
-
15
-
-
30
mA
T2+ G
−
--20
--40
mA
T2
− G−
--15
--30
mA
T2
− G+
--20
--40
mA
IH
holding current
VD =12V; IG = 0.1 A;
see Figure 11
--10
--30
mA
VT
on-state voltage
IT = 15 A; see Figure 9
-
1.4
1.65
-
1.4
1.65
V
VGT
gate trigger voltage
IT = 0.1 A; see Figure 7
VD = 12 V;
-
0.7
1.5
-
0.7
1.5
V
VD =VDRM; Tj = 125 °C
0.25
0.4
-
0.25
0.4
-
V
ID
off-state current
VD =VDRM(max);
Tj = 125 °C
-
0.1
0.5
-
0.1
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com