Electronic Components Datasheet Search
  English  ▼

X  

M35 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M35
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M35 Datasheet(HTML) 1 Page - Vishay Siliconix

  M35 Datasheet HTML 1Page - Vishay Siliconix M35 Datasheet HTML 2Page - Vishay Siliconix M35 Datasheet HTML 3Page - Vishay Siliconix M35 Datasheet HTML 4Page - Vishay Siliconix M35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M35
Vishay
Wet Tantalum Capacitors Surface Mount, Molded Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40095
1
Revision: 09-Sep-09
FEATURES
• Molded surface mountable design
• Terminations: standard tin/lead (SnPb),
100 % tin (RoHS compliant) available
• Industry standard ratings
• Model M35 wet tantalum electrolytic chip capacitors
incorporate the advantages of all the varieties of
electrolytic
capacitors
and
eliminate
most
of
the
disadvantages. These units have a 3 V reverse voltage
capability at + 85 °C and a higher ripple current capability
than any other electrolytic type with similar combinations of
capacitance and case size.
• Compliant to RoHS directive 2002/95/EC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %
standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL Max.): At + 25 °C and above:
Leakage current shall not exceed the values listed in the
Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000 h
life test at a temperature of + 85 °C or + 125 °C at the
applicable rated DC working voltage.
Following life test:
1. DCL, measured at + 85 °C rated voltage, shall not be in
excess of the original requirement.
2. The equivalent series resistance shall not exceed 150 %
of the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
M35
C
826
M
125
B
Z
S
L
MODEL
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
TERMINATION AND
PACKAGING
RELIABILITY
LEVEL
TEMP
ESR
See
Ratings
and
Case
Codes
Table
This is
expressed in
picofarads.The
first two digits
are the
significant
figures. The
third is the
number of zeros
to follow.
K = ± 10 %
M = ± 20 %
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V).
A = 100 % tin (RoHS
compliant), bulk
B = Std, tin/lead, bulk
Z = Non-ER
S = Std.
S = Std.
L = Low
Packaging: The use of formed plastic trays for packing bulk components is standard.
DIMENSIONS in millimeters
CASE CODE
L (MAX.)
W
H
P (MIN.)
TW
TH (MIN.)
M35
21.2
8 ± 0.3
7.5 ± 0.3
3.0
6.0 ± 0.3
1.9
L
WP


Similar Part No. - M35

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M3500 PETERMANN-M3500 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
Micronetics, Inc.
M3500-0102 MICRONETICS-M3500-0102 Datasheet
44Kb / 1P
100-200 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0204 MICRONETICS-M3500-0204 Datasheet
45Kb / 1P
200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0305 MICRONETICS-M3500-0305 Datasheet
44Kb / 1P
300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0306 MICRONETICS-M3500-0306 Datasheet
46Kb / 1P
300-600 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
More results

Similar Description - M35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
11-Aug-09
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
Wet Tantalum HI-TMP Capacitors Tantalum Case
21-Mar-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
136D VISHAY-136D Datasheet
109Kb / 7P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
05-Dec-14
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
Wet Tantalum SMD Capacitors, Tantalum Metal Case with Glass-to-Tantalum Hermetic Seal, DLA Approved
18-Jun-2019
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Dec-16
T16 VISHAY-T16 Datasheet
96Kb / 5P
Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C
06-Jul-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com