Electronic Components Datasheet Search
  English  ▼

X  

M35 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M35
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M35 Datasheet(HTML) 4 Page - Vishay Siliconix

  M35 Datasheet HTML 1Page - Vishay Siliconix M35 Datasheet HTML 2Page - Vishay Siliconix M35 Datasheet HTML 3Page - Vishay Siliconix M35 Datasheet HTML 4Page - Vishay Siliconix M35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 40095
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 09-Sep-09
4
M35
Wet Tantalum Capacitors Surface Mount, Molded Case
Vishay
ENVIRONMENTAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Hermeticity
MIL-PRF-39006
The internal component has been tested to be compliant to the
hermeticity requirements of MIL-PRF-39006/22.
The internal component has been tested to be compliant to the
moisture resistance requirements of MIL-PRF-39006/22.
The internal component has been tested to be compliant to the
altitude
or
reduced
barometric
pressure
requirements
of
MIL-PRF-39006/22 (150 000 feet).
Moisture resistance
MIL-PRF-39006
Altitude/barometric Pressure
(reduced)
MIL-PRF-39006
MECHANICAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Thermal shock
MIL-STD-202, Method 107, A
Per MIL-PRF-39006, 30 cycles
Shock
MIL-STD-202, Method 213
Per MIL-PRF-39006, 500 g
Vibration (high frequency)
MIL-STD-202, Method 204
Per MIL-PRF-39006, 80 g
Vibration (random)
MIL-STD-202, Method 214
Per MIL-PRF-39006, 53.79 g
Resistance to solder heat
MIL-STD-202, Method 210
The capacitor must withstand solder dipping of the terminals
at 260 °C for 10 s. The capacitor must not be visibly damaged and
the electrical characteristics must not be affected.
Solderability
ANSI J-STD-002
The terminations must be solderable per the requirements of
MIL-PRF-55365 para. 4.10
Part markings
MIL-STD-1285
The
part
marking
shall
include
Vishay
name,
trademark,
capacitance, voltage, date code and lot symbol.
Weight (typical) in g
3.5
PAD DIMENSIONS in inches [mm]
CASE CODE M35
A (MIN.)
B (NOM.)
C (NOM.)
D (NOM.)
C
[22.7]
[14.7]
[4.0]
[6.4]
A
CB
C
STANDARD PACKAGING QUANTITY
SERIES
CASE CODE
M35
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com