Electronic Components Datasheet Search
  English  ▼

X  

SHPCIE100 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # SHPCIE100
Description  3.3V HCSL Low Jitter 100MHz PCIe짰 2.0 XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

SHPCIE100 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  SHPCIE100 Datasheet HTML 1Page - Pericom Semiconductor Corporation SHPCIE100 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
SHPCIE100
Rev C
04/07/10
3.3V HCSL Low Jitter 100MHz PCIe® 2.0 XO
SHPCIE100
Application Specific Crystal Oscillator 7.0 x 5.0mm
TM
Product Features
• Provides 100 MHz HCSL output for
interfacing to standard PCIe® devices
• Very low PCIe 2.0 jitter - 1.8ps RMS (typ.)
• Thicker crystal for improved reliability
• Pb-free & RoHS compliant
• Industrial temperature range
Product Description
The SHPCIE100 3.3V crystal clock oscillator
achieves superb jitter for PCIe® 1.0 &
2.0 applications. The output clock signal,
generated internally with a patented
oscillator design, is compatible with HCSL
logic levels. The device, available on tape
and reel, is contained in a 7.0 x 5.0mm
surface-mount ceramic package.
Applications
• Server
• Network Switch/Router
• Telecom Switch
• Media Box
• Graphics Card
• Host Bus Adapter
Package:
Pin Functions:
Pin
Function
1
OE Function
2
N/C
3
Ground
4
OUT
5
OUT
6
VCC
Recommended Land Pattern:
Part Ordering Information:
SHPCIE100
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
7.0 x 5.0mm Ceramic SMD
ASSP XO™ for Networking


Similar Part No. - SHPCIE100

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SHP TELEDYNE-SHP Datasheet
352Kb / 7P
Phase-Angle Controller Solid-State Relays
logo
SOVICO corp.
SHP-01 SOVICO-SHP-01 Datasheet
964Kb / 1P
HDMI JACK PLATE(1CCT)
logo
NEC
SHP-012 NEC-SHP-012 Datasheet
2Mb / 104P
Power Inductors
SHP-013 NEC-SHP-013 Datasheet
2Mb / 104P
Power Inductors
SHP-022 NEC-SHP-022 Datasheet
2Mb / 104P
Power Inductors
More results

Similar Description - SHPCIE100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
SQPCIE100 ETC2-SQPCIE100 Datasheet
875Kb / 2P
3.3V HCSL Low Jitter 100MHz PCIe 2.0 XO
SHA000001 ETC2-SHA000001 Datasheet
418Kb / 6P
3.3V HCSL PCI-Express Gen2 Low Jitter, XO
logo
Pericom Semiconductor C...
SQPCIE100 PERICOM-SQPCIE100 Datasheet
875Kb / 2P
3.3V HCSL Low Jitter 100MHz PCIe 2.0 XO
logo
Microchip Technology
MX575ABC100M000 MICROCHIP-MX575ABC100M000 Datasheet
2Mb / 5P
Ultra-Low Jitter 100MHz LVCMOS XO
June 05, 2017 Revision 1.0
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
MX554BBD322M265 MICROCHIP-MX554BBD322M265 Datasheet
1Mb / 4P
Ultra-Low Jitter 322.265625MHz HCSL XO
June 25, 2018 Revision 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com