Electronic Components Datasheet Search
  English  ▼

X  

SHPCIE100 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # SHPCIE100
Description  3.3V HCSL Low Jitter 100MHz PCIe짰 2.0 XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

SHPCIE100 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  SHPCIE100 Datasheet HTML 1Page - Pericom Semiconductor Corporation SHPCIE100 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
SHPCIE100
Rev C
04/07/10
3.3V HCSL Low Jitter 100 MHz PCIe® 2.0 XO
Application Specific Crystal Oscillator 7.0 x 5.0mm
SHPCIE100
TM
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
2.2
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.8
V
Outputs disabled to Hi-Z
Output Disable Delay
200
ns
Output Enable Delay
10
ms
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
100
MHz
Supply Voltage
2.97
3.30
3.63
V
Supply Current, Output Enabled
40
mA
Supply Current, Output Disabled
10
mA
Frequency Stability
±50
ppm
See Note 1 below
Operating Temperature Range
-40
+85
°C
Industrial
Output Logic 0, VOL
-0.15
V
Output Logic 1, VOH
0.66
0.9
V
Output Load
Rs = 33Ω, Rp = 50Ω, CL = 2pF
output requires termination
Duty Cycle
45
55
%
Measured 50% of waveform
Rise and Fall Time
0.7
ns
Maximum measured from
VOL = 0.175V to VOH = 0.525V
Jitter, Phase RMS (1-σ)
1.8
2.5
ps
As defined by PCI-SIG for PCIe® 2.0
reference clock
Jitter, pk–pk
27
40
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (5 year at 40°C average effective ambient temperature), shock and vibration.
2.
For specifications othere than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/asspxo/SHPCIE100
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_hcsl.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For typical phase noise go to:
http://www.pericom.com/pdf/sre/pn_SHPCIE100.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_7050.pdf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com