Electronic Components Datasheet Search
  English  ▼

X  

GTL2007PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL2007PW
Description  12-bit GTL to LVTTL translator with power good control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2007PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL2007PW Datasheet HTML 4Page - NXP Semiconductors GTL2007PW Datasheet HTML 5Page - NXP Semiconductors GTL2007PW Datasheet HTML 6Page - NXP Semiconductors GTL2007PW Datasheet HTML 7Page - NXP Semiconductors GTL2007PW Datasheet HTML 8Page - NXP Semiconductors GTL2007PW Datasheet HTML 9Page - NXP Semiconductors GTL2007PW Datasheet HTML 10Page - NXP Semiconductors GTL2007PW Datasheet HTML 11Page - NXP Semiconductors GTL2007PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GTL2007_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2007
8 of 20
NXP Semiconductors
GTL2007
12-bit GTL to LVTTL translator with power good control
9.
Limiting values
[1]
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under Section 10 “Recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
[2]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[3]
Current into any output in the LOW state.
[4]
Current into any output in the HIGH state.
[5]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
10. Recommended operating conditions
Table 10.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Voltages are referenced to GND (ground=0V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
A port (LVTTL)
[2]
−0.5
+4.6
V
B port (GTL)
[2]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
-
−50
mA
VO
output voltage
output in OFF or HIGH state; A port
[2]
−0.5
+4.6
V
output in OFF or HIGH state; B port
[2]
−0.5
+4.6
V
IOL
LOW-level output current[3]
A port
-
32
mA
B port
-
30
mA
IOH
HIGH-level output current[4]
A port
-
−32
mA
Tstg
storage temperature
−60
+150
°C
Tj(max)
maximum junction temperature
[5] -
+125
°C
Table 11.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
3.0
3.3
3.6
V
VTT
termination voltage
GTL
-
1.2
-
V
Vref
reference voltage
GTL
0.64
0.8
1.1
V
VI
input voltage
A port
0
3.3
3.6
V
B port
0
VTT
3.6
V
VIH
HIGH-level input voltage
A port and ENn
2
-
-
V
B port
Vref + 0.050
-
-
V
VIL
LOW-level input voltage
A port and ENn
-
-
0.8
V
B port
-
-
Vref − 0.050
V
IOH
HIGH-level output current
A port
-
-
−16
mA
IOL
LOW-level output current
A port
-
-
16
mA
B port
-
-
15
mA
Tamb
ambient temperature
operating in free-air
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com