Electronic Components Datasheet Search
  English  ▼

X  

GTL2007PW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # GTL2007PW
Description  12-bit GTL to LVTTL translator with power good control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2007PW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button GTL2007PW Datasheet HTML 9Page - NXP Semiconductors GTL2007PW Datasheet HTML 10Page - NXP Semiconductors GTL2007PW Datasheet HTML 11Page - NXP Semiconductors GTL2007PW Datasheet HTML 12Page - NXP Semiconductors GTL2007PW Datasheet HTML 13Page - NXP Semiconductors GTL2007PW Datasheet HTML 14Page - NXP Semiconductors GTL2007PW Datasheet HTML 15Page - NXP Semiconductors GTL2007PW Datasheet HTML 16Page - NXP Semiconductors GTL2007PW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GTL2007_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2007
13 of 20
NXP Semiconductors
GTL2007
12-bit GTL to LVTTL translator with power good control
13. Test information
Fig 10. Load circuit for A outputs
Fig 11. Load circuit for B outputs
RL = load resistor.
CL = load capacitance; includes jig and probe capacitance.
RT = termination resistance; should be equal to Zo of pulse generators.
Fig 12. Load circuit for open-drain LVTTL I/O
PULSE
GENERATOR
VO
CL
50 pF
002aab006
RL
500
Ω
RT
VI
VCC
DUT
PULSE
GENERATOR
DUT
VO
CL
30 pF
50
Ω
002aab264
RT
VI
VCC
VTT
PULSE
GENERATOR
DUT
VO
CL
21 pF
RL
1.5 k
Ω
002aab265
RT
VI
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com