Electronic Components Datasheet Search
  English  ▼

X  

GTL2018 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2018
Description  8-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2018 Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2018 Datasheet HTML 1Page - NXP Semiconductors GTL2018 Datasheet HTML 2Page - NXP Semiconductors GTL2018 Datasheet HTML 3Page - NXP Semiconductors GTL2018 Datasheet HTML 4Page - NXP Semiconductors GTL2018 Datasheet HTML 5Page - NXP Semiconductors GTL2018 Datasheet HTML 6Page - NXP Semiconductors GTL2018 Datasheet HTML 7Page - NXP Semiconductors GTL2018 Datasheet HTML 8Page - NXP Semiconductors GTL2018 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GTL2018_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 15 February 2007
3 of 14
NXP Semiconductors
GTL2018
8-bit LVTTL to GTL transceiver
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TSSOP24
GTL2018PW
GND
VCC
B0
A0
B1
A1
B2
A2
B3
A3
VREF
GND
GND
A4
B4
A5
B5
A6
B6
A7
B7
VCC
GND
DIR
002aab604
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Table 3.
Pin description
Symbol
Pin
Description
GND
1, 7, 12, 19
ground (0 V)
B0
2
data inputs/outputs (B side, GTL)
B1
3
B2
4
B3
5
B4
8
B5
9
B6
10
B7
11
VREF
6
GTL reference voltage
DIR
13
direction control input (LVTTL)
VCC
14, 24
positive supply voltage
A7
15
data inputs/outputs (A side, LVTTL)
A6
16
A5
17
A4
18
A3
20
A2
21
A1
22
A0
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com