Electronic Components Datasheet Search
  English  ▼

X  

GTL2018 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # GTL2018
Description  8-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2018 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button GTL2018 Datasheet HTML 2Page - NXP Semiconductors GTL2018 Datasheet HTML 3Page - NXP Semiconductors GTL2018 Datasheet HTML 4Page - NXP Semiconductors GTL2018 Datasheet HTML 5Page - NXP Semiconductors GTL2018 Datasheet HTML 6Page - NXP Semiconductors GTL2018 Datasheet HTML 7Page - NXP Semiconductors GTL2018 Datasheet HTML 8Page - NXP Semiconductors GTL2018 Datasheet HTML 9Page - NXP Semiconductors GTL2018 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GTL2018_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 15 February 2007
6 of 14
NXP Semiconductors
GTL2018
8-bit LVTTL to GTL transceiver
10. Static characteristics
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
[2]
The input and output voltage ratings my be exceeded if the input and output current ratings are observed.
[3]
This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
Table 7.
Static characteristics
Recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = −40 °Cto+85 °C.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VOH
HIGH-level output
voltage
A port; VCC = 3.0 V to 3.6 V; IOH = −100 µA
[2] VCC − 0.2 -
-
V
A port; VCC = 3.0 V; IOH = −16 mA
[2] 2.0
-
-
V
VOL
LOW-level output
voltage
B port; VCC = 3.0 V; IOL =40mA
[2] -
0.23
0.4
V
A port; VCC = 3.0 V; IOL =8mA
[2] -
0.28
0.4
V
A port; VCC = 3.0 V; IOL =12mA
[2] -
0.40
0.55
V
A port; VCC = 3.0 V; IOL =16mA
[2] -
0.55
0.8
V
II
input current
control inputs; VCC = 3.6 V;
VI =VCC or GND
--
±1
µA
B port; VCC = 3.6 V; VI =VTT or GND
-
-
±1
µA
A port; VCC = 0 V or 3.6 V; VI = 5.5 V
-
-
10
µA
A port; VCC = 3.6 V; VI =VCC
--
±1
µA
A port; VCC = 3.6 V; VI =0V
-
-
−5
µA
IOZ
off-state output
current
A port; VCC =0V; VI or VO = 0 V to 3.6 V
-
-
±100
µA
ICC
supply current
A port; VCC = 3.6 V; VI =VCC or GND;
IO =0mA
-
8
12
mA
B port; VCC = 3.6 V; VI =VTT or GND;
IO =0mA
-
8
12
mA
∆ICC[3]
additional supply
current
per input; A port or control inputs;
VCC = 3.6 V; VI =VCC − 0.6 V
-
-
500
µA
Ci
input capacitance
control inputs; VI = 3.0 V or 0 V
-
2
2.5
pF
Cio
input/output
capacitance
A port; VO = 3.0 V or 0 V
-
4.6
6
pF
B port; VO =VTT or 0 V
-
3.4
4.3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com