Electronic Components Datasheet Search
  English  ▼

X  

IP4085CX4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4085CX4
Description  Integrated high-performance ESD-protection diodes to IEC61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4085CX4 Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4085CX4 Datasheet HTML 1Page - NXP Semiconductors IP4085CX4 Datasheet HTML 2Page - NXP Semiconductors IP4085CX4 Datasheet HTML 3Page - NXP Semiconductors IP4085CX4 Datasheet HTML 4Page - NXP Semiconductors IP4085CX4 Datasheet HTML 5Page - NXP Semiconductors IP4085CX4 Datasheet HTML 6Page - NXP Semiconductors IP4085CX4 Datasheet HTML 7Page - NXP Semiconductors IP4085CX4 Datasheet HTML 8Page - NXP Semiconductors IP4085CX4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IP4085_4385_4386_4387_CX4_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 26 March 2009
2 of 16
NXP Semiconductors
IP4085/4385/4386/4387/CX4
Integrated high-performance ESD-protection diodes
2.
Pinning information
3.
Ordering information
4.
Functional diagram
Fig 1.
Pin configuration IP4085CX4; IP4385CX4; IP4386CX4; IP4387CX4
Table 1.
Pinning
Pin
Description
A1 and A2
diode cathode
B1 and B2
diode anode
001aaj238
IP4085CX4
IP438xCX4
Transparent top view
B
A
2
1
ball A1
index area
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4085CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.91
× 0.91 × 0.65 mm
IP4085CX4/LF
IP4385CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.76
× 0.76 × 0.61 mm
IP438xCX4/LF
IP4386CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.76
× 0.76 × 0.61 mm
IP438xCX4/LF
IP4387CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.76
× 0.76 × 0.61 mm
IP438xCX4/LF
Fig 2.
Schematic diagram IP4085CX4; IP4385CX4; IP4386CX4; IP4387CX4
001aaj239
A1
B1
A2
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com