Electronic Components Datasheet Search
  English  ▼

X  

IP4085CX4 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # IP4085CX4
Description  Integrated high-performance ESD-protection diodes to IEC61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4085CX4 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button IP4085CX4 Datasheet HTML 8Page - NXP Semiconductors IP4085CX4 Datasheet HTML 9Page - NXP Semiconductors IP4085CX4 Datasheet HTML 10Page - NXP Semiconductors IP4085CX4 Datasheet HTML 11Page - NXP Semiconductors IP4085CX4 Datasheet HTML 12Page - NXP Semiconductors IP4085CX4 Datasheet HTML 13Page - NXP Semiconductors IP4085CX4 Datasheet HTML 14Page - NXP Semiconductors IP4085CX4 Datasheet HTML 15Page - NXP Semiconductors IP4085CX4 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
IP4085_4385_4386_4387_CX4_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 26 March 2009
14 of 16
NXP Semiconductors
IP4085/4385/4386/4387/CX4
Integrated high-performance ESD-protection diodes
12. Abbreviations
13. Revision history
Table 8.
Reflow soldering process characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Treflow(peak) peak reflow temperature
230
-
260
°C
t1
time 1
soak time
60
-
180
s
t2
time 2
time during T
≥ 250 °C
--30
s
t3
time 3
time during T
≥ 230 °C
10
-
50
s
t4
time 4
time during T > 217
°C
30
-
150
s
t5
time 5
-
-
540
s
dT/dt
rate of change of
temperature
cooling rate
-
-
−6
°C/s
pre-heat
2.5
-
4.0
°C/s
Table 9.
Abbreviations
Acronym
Description
DUT
Device Under Test
FR4
Flame Retard 4
LAN
Local Area Network
PCB
Printed-Circuit Board
PCS
Personal Communication System
RoHS
Restriction of Hazardous Substances
WAN
Wide Area Network
WLCSP
Wafer-Level Chip-Scale Package
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
IP4085_4385_4386_4387_CX4_1
20090326
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com