Electronic Components Datasheet Search
  English  ▼

X  

IP4251 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IP4251
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4251 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IP4251 Datasheet HTML 2Page - NXP Semiconductors IP4251 Datasheet HTML 3Page - NXP Semiconductors IP4251 Datasheet HTML 4Page - NXP Semiconductors IP4251 Datasheet HTML 5Page - NXP Semiconductors IP4251 Datasheet HTML 6Page - NXP Semiconductors IP4251 Datasheet HTML 7Page - NXP Semiconductors IP4251 Datasheet HTML 8Page - NXP Semiconductors IP4251 Datasheet HTML 9Page - NXP Semiconductors IP4251 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
6 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
7.
Application information
7.1 Insertion loss
The IP425x family is mainly designed as EMI/RFI filters for multi-channel interfaces. The
measured insertion loss in a 50
Ω system for IP4251, IP4253 and IP4254 and the
simulated insertion loss for IP4252 is depicted in Figure 2.
The insertion loss was measured using the test set-up as depicted in Figure 1.
Table 7.
Frequency characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IP4251CZ8/CZ12/CZ16
αil
insertion loss
Rsource = 50 Ω; RL = 50 Ω
800 MHz < f < 3 GHz
-
16
-
dB
f = 1 GHz
-
20
-
dB
αct
crosstalk attenuation
Rsource =50 Ω;RL =50 Ω;
800 MHz < f < 3 GHz
-30
-
dB
IP4252CZ8/CZ12/CZ16
αil
insertion loss
Rsource = 50 Ω; RL = 50 Ω
800 MHz < f < 3 GHz
-
12
-
dB
f = 1 GHz
-
14
-
dB
αct
crosstalk attenuation
Rsource =50 Ω;RL =50 Ω;
800 MHz < f < 3 GHz
-40
-
dB
IP4253CZ8/CZ12/CZ16
αil
insertion loss
Rsource = 50 Ω; RL = 50 Ω
800 MHz < f < 3 GHz
-
33
-
dB
f = 1 GHz
35
-
-
dB
αct
crosstalk attenuation
Rsource =50 Ω;RL =50 Ω;
800 MHz < f < 3 GHz
-30
-
dB
IP4254CZ8/CZ12/CZ16
αil
insertion loss
Rsource = 50 Ω; RL = 50 Ω
800 MHz < f < 3 GHz
-
28
-
dB
f = 1 GHz
30
-
-
dB
αct
crosstalk attenuation
Rsource =50 Ω;RL =50 Ω;
800 MHz < f < 3 GHz
-30
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com