Electronic Components Datasheet Search
  English  ▼

X  

IP4251 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # IP4251
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4251 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button IP4251 Datasheet HTML 7Page - NXP Semiconductors IP4251 Datasheet HTML 8Page - NXP Semiconductors IP4251 Datasheet HTML 9Page - NXP Semiconductors IP4251 Datasheet HTML 10Page - NXP Semiconductors IP4251 Datasheet HTML 11Page - NXP Semiconductors IP4251 Datasheet HTML 12Page - NXP Semiconductors IP4251 Datasheet HTML 13Page - NXP Semiconductors IP4251 Datasheet HTML 14Page - NXP Semiconductors IP4251 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
11 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
8.
Package outline
Fig 9.
Package outline SOT983-1 (HXSON8U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT983-1
- - -
- - -
SOT983-1
07-01-12
07-11-14
UNIT
A
max
mm
0.5
0.05
0.00
0.25
0.15
1.75
1.65
1.5
1.3
1.4
1.3
0.5
0.3
1.2
0.35
0.15
0.05
A1
DIMENSIONS (mm are the original dimensions)
HXSON8U: plastic thermal enhanced extremely thin small outline package; no leads;
8 terminals; UTLP based; body 1.35 x 1.7 x 0.5 mm
0
0.5
1 mm
scale
b
D
Dh
E
Eh
e
0.4
e1
L
v
0.1
w
y
0.05
L1
0.09
0.00
y1
0.1
X
B
A
terminal 1
index area
D
E
C
y1
C
y
detail X
A
A1
b
e1
e
1/2 e
A
C
B
v M
C
w M
terminal 1
index area
Dh
Eh
L1
L
4
1
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com