Electronic Components Datasheet Search
  English  ▼

X  

LM75AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LM75AD
Description  Digital temperature sensor and thermal watchdog
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75AD Datasheet(HTML) 3 Page - NXP Semiconductors

  LM75AD Datasheet HTML 1Page - NXP Semiconductors LM75AD Datasheet HTML 2Page - NXP Semiconductors LM75AD Datasheet HTML 3Page - NXP Semiconductors LM75AD Datasheet HTML 4Page - NXP Semiconductors LM75AD Datasheet HTML 5Page - NXP Semiconductors LM75AD Datasheet HTML 6Page - NXP Semiconductors LM75AD Datasheet HTML 7Page - NXP Semiconductors LM75AD Datasheet HTML 8Page - NXP Semiconductors LM75AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM75A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 10 July 2007
3 of 24
NXP Semiconductors
LM75A
Digital temperature sensor and thermal watchdog
5.
Block diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Block diagram
LM75A
SDA
VCC
SCL
A0
OS
A1
GND
A2
002aad029
BIAS
REFERENCE
BAND GAP
TEMP SENSOR
OSCILLATOR
POWER-ON
RESET
11-BIT
SIGMA-DELTA
A-to-D
CONVERTER
POINTER
REGISTER
TIMER
COMPARATOR/
INTERRUPT
COUNTER
LOGIC CONTROL AND INTERFACE
CONFIGURATION
REGISTER
THYST
REGISTER
TOS
REGISTER
TEMPERATURE
REGISTER
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
LM75AD
SDA
VCC
SCL
A0
OS
A1
GND
A2
002aad027
1
2
3
4
6
5
8
7
LM75ADP
SDA
VCC
SCL
A0
OS
A1
GND
A2
002aad028
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
SDA
1
Digital I/O. I2C-bus serial bidirectional data line; open-drain.
SCL
2
Digital input. I2C-bus serial clock input.
OS
3
Overtemp Shutdown output; open-drain.
GND
4
Ground. To be connected to the system ground.
A2
5
Digital input. User-defined address bit 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com