Electronic Components Datasheet Search
  English  ▼

X  

LM75AD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LM75AD
Description  Digital temperature sensor and thermal watchdog
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75AD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LM75AD Datasheet HTML 10Page - NXP Semiconductors LM75AD Datasheet HTML 11Page - NXP Semiconductors LM75AD Datasheet HTML 12Page - NXP Semiconductors LM75AD Datasheet HTML 13Page - NXP Semiconductors LM75AD Datasheet HTML 14Page - NXP Semiconductors LM75AD Datasheet HTML 15Page - NXP Semiconductors LM75AD Datasheet HTML 16Page - NXP Semiconductors LM75AD Datasheet HTML 17Page - NXP Semiconductors LM75AD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LM75A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 10 July 2007
14 of 24
NXP Semiconductors
LM75A
Digital temperature sensor and thermal watchdog
8.
Application design-in information
9.
Limiting values
10. Recommended operating conditions
Fig 11. Typical application
002aad030
0.1
µF
10 k
Ω
DIGITAL LOGIC
LM75A
DETECTOR OR
INTERRUPT LINE
BUS
PULL-UP
RESISTORS
I2C-BUS
8
2
SCL
SDA
A2
A1
A0
5
6
1
7
4
3
OS
VCC
power supply
GND
10 k
Ω
10 k
Ω
Table 15.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+6.0
V
voltage at input pins
−0.3
+6.0
V
current at input pins
−5.0
+5.0
mA
IO(sink)
output sink current
on pin OS
-
10.0
mA
VO
output voltage
on pin OS
−0.3
+6.0
V
Vesd
electrostatic discharge
voltage
human body model
-
2000
V
machine model
-
200
V
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Table 16.
Recommended operating characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.8
-
5.5
V
Tamb
ambient temperature
−55
-
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com