Electronic Components Datasheet Search
  English  ▼

X  

LM75ADP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal watchdog
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75ADP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LM75ADP Datasheet HTML 11Page - NXP Semiconductors LM75ADP Datasheet HTML 12Page - NXP Semiconductors LM75ADP Datasheet HTML 13Page - NXP Semiconductors LM75ADP Datasheet HTML 14Page - NXP Semiconductors LM75ADP Datasheet HTML 15Page - NXP Semiconductors LM75ADP Datasheet HTML 16Page - NXP Semiconductors LM75ADP Datasheet HTML 17Page - NXP Semiconductors LM75ADP Datasheet HTML 18Page - NXP Semiconductors LM75ADP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LM75A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 10 July 2007
15 of 24
NXP Semiconductors
LM75A
Digital temperature sensor and thermal watchdog
11. Static characteristics
[1]
Typical values are at VCC = 3.3 V and Tamb =25 °C.
[2]
“Conv” = device A-to-D conversion.
Table 17.
Static characteristics
VCC = 2.8 V to 5.5 V; Tamb = −55 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
TACC
temperature accuracy
Tamb = −25 °C to +100 °C
−2-
+2
°C
Tamb = −55 °C to +125 °C
−3-
+3
°C
Tres
temperature resolution
11-bit digital temp data
-
0.125
-
°C
TCONV(T)
temperature conversion
time
normal mode
-
100
-
ms
IDD
supply current
normal mode: I2C-bus inactive
-
100
-
µA
normal mode: I2C-bus active
-
-
1.0
mA
shutdown mode
-
3.5
-
µA
VIH
HIGH-level input voltage
digital pins (SCL, SDA, A2 to A0)
0.7
× V
CC
-VCC + 0.3
V
VIL
LOW-level input voltage
digital pins
−0.3
-
0.3
× VCC
V
VIHYS
input voltage hysteresis
SCL and SDA pins
-
300
-
mV
A2, A1, A0 pins
-
150
-
mv
IIH
HIGH-level input current
digital pins; VI =VCC
−1.0
-
+1.0
µA
IIL
LOW-level input current
digital pins; VI = 0 V
−1.0
-
+1.0
µA
VOL
LOW-level output voltage
SDA and OS pins; IOL = 3 mA
-
-
0.4
V
IOL = 4 mA
-
-
0.8
V
ILO
output leakage current
SDA and OS pins; VOH =VCC
--
10
µA
OSQ
OS fault queue
programmable
1
-
6
Conv[2]
Tos
overtemperature
shutdown threshold
default value
-
80
-
°C
Thyst
hysteresis temperature
default value
-
75
-
°C
Ci
input capacitance
digital pins
-
20
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com