Electronic Components Datasheet Search
  English  ▼

X  

LPC1752 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC1752
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1752 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC1752 Datasheet HTML 45Page - NXP Semiconductors LPC1752 Datasheet HTML 46Page - NXP Semiconductors LPC1752 Datasheet HTML 47Page - NXP Semiconductors LPC1752 Datasheet HTML 48Page - NXP Semiconductors LPC1752 Datasheet HTML 49Page - NXP Semiconductors LPC1752 Datasheet HTML 50Page - NXP Semiconductors LPC1752 Datasheet HTML 51Page - NXP Semiconductors LPC1752 Datasheet HTML 52Page - NXP Semiconductors LPC1752 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
LPC1759_58_56_54_52_51_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 26 January 2010
49 of 64
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
11.7 SSP interface
[1]
The peripheral clock for SSP is PCLK = CCLK = 20 MHz.
Table 13.
Dynamic characteristic: SSP interface
Tamb = 25 °C; VDD(3V3) over specified ranges.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsu(SPI_MISO)
SPI_MISO set-up time
measured in SPI Master mode;
see Figure 15
[1]
30
-
-
ns
Fig 15. SSP MISO line set-up time in SPI Master mode
tsu(SPI_MISO)
SCK
shifting edges
MOSI
MISO
002aad326
sampling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com