Electronic Components Datasheet Search
  English  ▼

X  

LPC1752 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LPC1752
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1752 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LPC1752 Datasheet HTML 51Page - NXP Semiconductors LPC1752 Datasheet HTML 52Page - NXP Semiconductors LPC1752 Datasheet HTML 53Page - NXP Semiconductors LPC1752 Datasheet HTML 54Page - NXP Semiconductors LPC1752 Datasheet HTML 55Page - NXP Semiconductors LPC1752 Datasheet HTML 56Page - NXP Semiconductors LPC1752 Datasheet HTML 57Page - NXP Semiconductors LPC1752 Datasheet HTML 58Page - NXP Semiconductors LPC1752 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
LPC1759_58_56_54_52_51_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 26 January 2010
55 of 64
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
13. DAC electrical characteristics (LPC1759/58/56/54 only)
The values of resistor components Ri1 and Ri2 vary with temperature and input voltage and are
process-dependent.
Fig 22. ADC interface to pins AD0[n]
LPC17xx
AD0[n]
750 fF
65 fF
Cia
2.2 pF
Rvsi
Ri1
100
Ω - 600 Ω
Ri2
2 k
Ω - 5.2 kΩ
VSS
VEXT
002aaf197
ADC
COMPARATOR
BLOCK
Table 17.
DAC electrical characteristics
VDDA = 2.7 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ED
differential linearity error
-
±1
-
LSB
EL(adj)
integral non-linearity
-
±1.5
-
LSB
EO
offset error
-
0.6
-
%
EG
gain error
-
0.6
-
%
CL
load capacitance
-
200
-
pF
RL
load resistance
1
-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com