Electronic Components Datasheet Search
  English  ▼

X  

MIC2156 Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MIC2156
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2156 Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MIC2156 Datasheet HTML 27Page - Micrel Semiconductor MIC2156 Datasheet HTML 28Page - Micrel Semiconductor MIC2156 Datasheet HTML 29Page - Micrel Semiconductor MIC2156 Datasheet HTML 30Page - Micrel Semiconductor MIC2156 Datasheet HTML 31Page - Micrel Semiconductor MIC2156 Datasheet HTML 32Page - Micrel Semiconductor MIC2156 Datasheet HTML 33Page - Micrel Semiconductor MIC2156 Datasheet HTML 34Page - Micrel Semiconductor MIC2156 Datasheet HTML 35Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
32
M9999-111209-B
Unlike the voltage output amplifier used for Channel 1
compensation, a transconductance amplifier is used for
the Channel 2 compensation since only a pole/zero
combination
is
required
for
compensation.
The
transconductance amplifier transfer function is:
1
Cz
s
1
Cz
1
Rz
s
1
gm
)
s
(
Gea
×
×
×
+
×
=
Where:
Rz1 and Cz1 are the external components connected to
the COMP2 pin
gm is the transconductance of the internal amplifier.
The pole and zero frequencies are:
1
Cz
1
Rz
2
1
f
1
Cz
2
gm
f
ZERO
POLE
×
×
π
×
=
×
π
×
=
The gain of the modulator is:
M
MOD
V
1
g
=
Where:
VM is the peak-to-peak amplitude of the internal
sawtooth.
The gain of the feedback circuit is output current divide
by VEA
2
L
R
H
=
The filter transfer function is the output current over the
applied voltage:
2
L
s
V
V
G
OUT
IN
)
s
(
FILTER
×
−
=
The open loop transfer function is:
()
(
()
(
)
)
2
L
s
Vm
1
Cz
s
V
V
R
1
Cz
1
Rz
s
1
gm
G
H
G
G
G
OUT
IN
2
L
)
s
(
FILTER
MOD
)
s
(
EA
)
s
(
2
OL
×
×
×
×
−
×
×
×
×
+
×
=
×
×
×
=
The loop is inherently stable because the phase shift is
only 90 degrees. The error amplifier pole and zero is
selected to achieve a desired crossover frequency. In
this example, the desired crossover frequency is 50kHz.
The transfer function of the filter, modulator and
feedback is plotted in Figure 28.
50
0
-50
-100
FREQUENCY
10
100
1k
10k 100k
1M
Gain
Phase
VIN = 12V
VOUT = 1.8V
L = 1.5µH
Figure 28. Current Sharing Loop Gain/Phase
The gain boost required at 50kHz is 28dB which is a
gain of 25. The gain for frequencies above the zero is:
gm
1
Rz
GMID
×
=
For a typical gm = 1.25mS, solving for Rz1:
Ω
=
=
=
k
20
mS
25
.
1
25
gm
G
1
Rz
MID
Set the zero frequency to be 1/5 of the crossover
frequency:
pF
800
k
10
k
20
2
1
1
Cz
1
fz
1
Rz
2
1
1
Cz
=
×
×
π
×
=
×
×
π
×
=
The compensated open loop gain/phase plot is shown in
Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com