Electronic Components Datasheet Search
  English  ▼

X  

MIC3223 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3223
Description  High Power Boost LED Driver with Integrated FET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3223 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3223 Datasheet HTML 9Page - Micrel Semiconductor MIC3223 Datasheet HTML 10Page - Micrel Semiconductor MIC3223 Datasheet HTML 11Page - Micrel Semiconductor MIC3223 Datasheet HTML 12Page - Micrel Semiconductor MIC3223 Datasheet HTML 13Page - Micrel Semiconductor MIC3223 Datasheet HTML 14Page - Micrel Semiconductor MIC3223 Datasheet HTML 15Page - Micrel Semiconductor MIC3223 Datasheet HTML 16Page - Micrel Semiconductor MIC3223 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Micrel, Inc.
MIC3223
January 2010
13
M9999-011510-A
Figure 5. PWM Dimming 20% and ILED 1kHz
In Figure 4 is at 100Hz dimming frequency and Figure 5
is 1kHz dimming frequency. The time it takes for the
LED current to reach it full value is longer with a lower
Dimming frequency. The reason is the output capacitors
slowly discharge between dimming pulses.
Figure 6. PWM Dimming 20% and ILED 1kHz
Figure 6 shows the output voltage VOUT discharge
between DIM_IN pulses. The amount of discharge is
dependent on the time between DIM_IN pulses.
Figure 7. 5µs DIM_IN Pulse
Figure 7 shows the minimum DIM_IN pulse at these
operating conditions before the ILED current starts to drop
due to low VOUT. The converter is ON (switching) only
during a DIM_IN pulse.
Figure 7 shows that at this DIM_IN pulse width the
converter is ON (switching) long enough to generate the
necessary VOUT to forward bias the LED string at the
programmed current level. Therefore this condition will
result in the desired ILED.
Figure 8. 2.5µs DIM_IN Pulse
Figure 8 shows that at this DIM_IN pulse width the
converter in not ON (switching) long enough to generate
the necessary VOUT to forward bias the LED string at the
programmed current level. As a result the LED current
drops. Therefore, this condition will not result in the
desired ILED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com