Electronic Components Datasheet Search
  English  ▼

X  

MIC3223 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC3223
Description  High Power Boost LED Driver with Integrated FET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3223 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC3223 Datasheet HTML 16Page - Micrel Semiconductor MIC3223 Datasheet HTML 17Page - Micrel Semiconductor MIC3223 Datasheet HTML 18Page - Micrel Semiconductor MIC3223 Datasheet HTML 19Page - Micrel Semiconductor MIC3223 Datasheet HTML 20Page - Micrel Semiconductor MIC3223 Datasheet HTML 21Page - Micrel Semiconductor MIC3223 Datasheet HTML 22Page - Micrel Semiconductor MIC3223 Datasheet HTML 23Page - Micrel Semiconductor MIC3223 Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Micrel, Inc.
MIC3223
January 2010
21
M9999-011510-A
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
GRM319R61E475KA12D
muRata
(1)
C3216X7R1E475M
TDK
(2)
C1
12063D475KAT2A
AVX
(3)
Ceramic Capacitor, 4.7µF, 25V, Size 1206, X7R
1
C2
GRM188R71C273KA01D
muRata
Ceramic Capacitor, 0.027µF, 6.3V, Size 0603, X7R
1
GRM188R60J106ME47D
muRata
C1608X5R0J106K
TDK
C3, C7
08056D106MAT2A
AVX
Ceramic Capacitor, 10µF, 6.3V, Size 0603, X7R
2
12105C475KAZ2A
AVX
C4, C6
GRM32ER71H475KA88L
muRata
Ceramic Capacitor, 4.7µF, 50V, Size 1210, X7R
2
GRM188R71C473KA01D
muRata
C5
0603YC473K4T2A
AVX
Ceramic Capacitor, 0.047µF, 6.3V, Size 0603, X7R
1
C8
GRM188R72A102KA37D
muRata
Ceramic Capacitor, 1000pF, 100V Size 0603, X7R
D1
SK35B
MCC
(4)
Schottky Diode, 3A, 50V (SMB)
1
L1
MSD1260-223ML-LD
Coilcraft
(6)
Inductor, 22µH, 5A
1
R1, R3
CRCW0603100KFKEA
Vishay Dale
(4)
Resistor, 100k, 1%, Size 0603
2
R2
CRCW0603549RFKEA
Vishay Dale
Resistor, 549Ω, 1%, Size 0603
1
R4
CRCW06033K24FKEA
Vishay Dale
Resistor, 3.24k, 1%, Size 0603
1
R5
CRCW1206R560FKEA
Vishay Dale
Resistor, 0.56Ω, 1%, 1/2W, Size 1206
(for .35A LED current Change for different ILED)
1
R6
RMC 1/4 2 1% R
Stackpole Electronics,
Inc.
(7)
Resistor, 2Ω, 1%, 1/2W, Size 1210
1
Si2318DS
Vishay Siliconix
(4)
Q1
AM2340N
Analog Power
(8)
N-Channel 40V MOSFET
1
U1
MIC3223
Micrel, Inc.
(9)
High Power Boost LED Driver with Integrated FET
1
Notes:
1. Murata: www.murata.com.
2. TDK: www.tdk.com.
3. AVX: www.avx.com.
4. Vishay: www.vishay.com.
5. Internacional Rectifier: www.ift.com.
6. Coilcraft: www.coilcraft.com
7. Stackpole Electronics, Inc.: www.
8. Analog Power: www.analogpowerinc.com
8. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com