Electronic Components Datasheet Search
  English  ▼

X  

L6564 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6564
Description  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6564 Datasheet HTML 14Page - STMicroelectronics L6564 Datasheet HTML 15Page - STMicroelectronics L6564 Datasheet HTML 16Page - STMicroelectronics L6564 Datasheet HTML 17Page - STMicroelectronics L6564 Datasheet HTML 18Page - STMicroelectronics L6564 Datasheet HTML 19Page - STMicroelectronics L6564 Datasheet HTML 20Page - STMicroelectronics L6564 Datasheet HTML 21Page - STMicroelectronics L6564 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Typical electrical performance
L6564
18/34
Doc ID 16202 Rev 1
Figure 27.
Multiplier characteristics
@ VFF = 1 V
Figure 28.
Multiplier characteristics
@ VFF = 3 V
 
0
0. 1
0. 2
0. 3
0. 4
0. 5
0. 6
0. 7
0. 8
0. 9
1
1. 1
1. 2
0
0. 1
0.2
0. 3
0. 4
0.5
0.6
0.7
0. 8
0.9
1
1.1
VM UL T (V )
4.5 V
3.5 V
Upper voltage cl amp
3.0
2.6 V
5.0V
4. 0V
5.5
VCOMP
 
0
100
200
300
400
500
600
700
0
0.5
1
1.5
2
2.5
3
3.5
V MULT (V )
2. 6V
3. 0V
4. 5V
4. 0V
3. 5V
5. 0V
5. 5V
Upper vo ltage
VCOM P
Figure 29.
Multiplier gain vs TJ
Figure 30.
Gate drive clamp vs TJ
 
0. 2
0. 3
0. 4
0. 5
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC= 12V
VCOMP = 4V
VMULT = VFF= 1V
 
12.65
12. 7
12.75
12. 8
12.85
12. 9
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
V CC = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com