Electronic Components Datasheet Search
  English  ▼

X  

L6564 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6564
Description  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6564 Datasheet HTML 22Page - STMicroelectronics L6564 Datasheet HTML 23Page - STMicroelectronics L6564 Datasheet HTML 24Page - STMicroelectronics L6564 Datasheet HTML 25Page - STMicroelectronics L6564 Datasheet HTML 26Page - STMicroelectronics L6564 Datasheet HTML 27Page - STMicroelectronics L6564 Datasheet HTML 28Page - STMicroelectronics L6564 Datasheet HTML 29Page - STMicroelectronics L6564 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Application information
L6564
26/34
Doc ID 16202 Rev 1
6.6
Power management/housekeeping functions
A communication line with the control IC of the cascaded dc-dc converter can be
established via the disable function included in the PFC_OK pin (see “Feedback failure
protection” section for more details). Typically this line is used to allow the PWM controller of
the cascaded dc-dc converter to shut down the L6564 in case of light load and to minimize
the no-load input consumption. Should the residual consumption of the chip be an issue, it is
also possible to cut down the supply voltage. Interface circuits like those are shown in figure
32. Needless to say, this operation assumes that the cascaded dc-dc converter stage works
as the master and the PFC stage as the slave or, in other words, that the dc-dc stage starts
first, it powers both controllers and enables/disables the operation of the PFC stage.
Figure 40.
Interface circuits that let dc-dc converter's controller IC disable the L6564
Another function available is the brownout protection which is basically a not-latched
shutdown function that is activated when a condition of mains under voltage is detected.
This condition may cause overheating of the primary power section due to an excess of
RMS current. Brownout can also cause the PFC pre-regulator to work open loop and this
could be dangerous to the PFC stage itself and the downstream converter, should the input
voltage return abruptly to its rated value. Another problem is the spurious restarts that may
occur during converter power down and that cause the output voltage of the converter not to
decay to zero monotonically. For these reasons it is usually preferable to shutdown the unit
in case of brownout. Brownout threshold is internally fixed at 0.8V and is sensed on pin VFF
(5) during the voltage falling and 80 mV threshold hysteresis prevents from rebounding at
input voltage turn off. In Table 5 it is possible to find a summary of all of the above
mentioned working conditions that cause the device to stop operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com