Electronic Components Datasheet Search
  English  ▼

X  

AP3156 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3156
Description  HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3156 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3156 Datasheet HTML 1Page - Diodes Incorporated AP3156 Datasheet HTML 2Page - Diodes Incorporated AP3156 Datasheet HTML 3Page - Diodes Incorporated AP3156 Datasheet HTML 4Page - Diodes Incorporated AP3156 Datasheet HTML 5Page - Diodes Incorporated AP3156 Datasheet HTML 6Page - Diodes Incorporated AP3156 Datasheet HTML 7Page - Diodes Incorporated AP3156 Datasheet HTML 8Page - Diodes Incorporated AP3156 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP3156
HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP
FOR WHITE LED APPLICATIONS
AP3156 Rev. 1
5 of 15
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
CIN = COUT = C1 = C2 = 1.0µF; TA = 25°C, VIN = 3.5V. Unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IQ
Quiescent Current
1X Mode, 3.0≤VIN≤5.5, Active,
No Load Current
0.3
1
mA
1.5X Mode, 3.0≤VIN≤5.5, Active,
No Load Current
2.0
3
2X Mode, 3.0≤VIN≤5.5, Active,
No Load Current
1.5
3
50µA Setting, 1X Mode
50
µA
ISHDN
Shutdown Current
SDI = 0
1
µA
IDX
ISINK Current Accuracy
(Note 4)
ISET = 20mA (Note 5), TA = 25°C
18.6
20
21.4
mA
ISET = 4mA (Note 5), TA = 25°C
3.6
4
4.4
mA
ID-Match
Current Matching Between Any
Two Current Sink Inputs
(Note 6)
VF:
D1:D6 = 3.6V
0.5
%
VTH
1X to 1.5X or 1.5X to 2X
Transition Threshold at Any
ISINK Pin
ISET = 25mA
150
mV
Charge Pump Section
TSS
Soft-Start Time
40
µs
FCLK
Clock Frequency
0.5/
1/
2
MHz
SDI
VSDI(L)
SDI Threshold Low
VIN = 2.7V
0.4
V
VSDI(H)
SDI Threshold High
VIN = 5.5V
1.4
V
TSLO
SDI Low Time
0.3
50
µs
TSHI
SDI High Time
0.05
50
µs
TOFF
SDI Off Timeout
256
µs
TSEP
SDI Valid Sequence Timeout
256
µs
ISDI
SDI Input Leakage
-1
1
µA
θ
JA
Thermal Resistance
Junction-to-Ambient
QFN4040-16 (Note 7)
46
oC/W
Notes:
4. Determined by the average current levels of all active channels
5. Sequence setting set to give nominal 20mA max output current and 4mA output current.
6. Defined as the deviation of any sink current from the average of all active current channels
7. Device mounted on FR-4 substrate, 2"*2", 2oz, copper, double-sided PC board,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com