Electronic Components Datasheet Search
  English  ▼

X  

AP3156 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3156
Description  HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3156 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3156 Datasheet HTML 1Page - Diodes Incorporated AP3156 Datasheet HTML 2Page - Diodes Incorporated AP3156 Datasheet HTML 3Page - Diodes Incorporated AP3156 Datasheet HTML 4Page - Diodes Incorporated AP3156 Datasheet HTML 5Page - Diodes Incorporated AP3156 Datasheet HTML 6Page - Diodes Incorporated AP3156 Datasheet HTML 7Page - Diodes Incorporated AP3156 Datasheet HTML 8Page - Diodes Incorporated AP3156 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP3156
HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP
FOR WHITE LED APPLICATIONS
AP3156 Rev. 1
1 of 15
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
•
VIN Range: 2.7V to 5.5V
•
Fully Programmable Current with Single Wire
• 32-Step Logarithmic Scale
• 20/25mA Max Current per Channel
• Four Low Current Settings Down to 50µA
• Low I
Q (50µA) for Low Current Mode
•
Tri-Mode 1X, 1.5X, and 2X Charge Pump for Maximum
Efficiency and VF Coverage
•
Drives up to Six Channels of LEDs
•
Individual Main/Sub-Group Control
•
No Inductors, Low Noise Operation
•
0.5/1/2MHz Constant Switching Frequency
•
Small Application Circuit
•
Built-In Thermal Protection
•
Built-In Auto-Disable For Open Circuit
•
Automatic Soft Start
•
IQ <1µA in Shutdown
•
Thermally-Enhanced QFN4040-16 Package: Available
in “Green” Molding Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
The AP3156 is a low noise, constant frequency charge pump
DC/DC converter that uses a tri-mode load switch (1X), fractional
(1.5X), and doubling (2X) conversion to maximize efficiency for
white LED applications. The AP3156 is capable of driving the
LED channels at 120mA maximum from a 2.7V to 5.5V input. The
current sinks may be operated individually or in parallel for driving
higher-current LEDs. A low external parts count (two 1µF flying
capacitors and two small 1µF capacitors at VIN and VOUT) make
this part ideally suited for small, battery-powered applications.
AP3156 serial digital input is used to enable, disable and set
current for each LED with a 32-level logarithmic scale plus four
low-current settings down to 50µA for optimized efficiency, with a
low quiescent current of only 50µA.
Each output of the AP3156 is equipped with built-in protection for
VOUT short circuit and auto-disable for LED failure conditions.
Built-in soft-start circuitry prevents excessive inrush current
during start-up. A low-current shutdown feature disconnects the
load from VIN and reduces quiescent current to less than 1µA.
The AP3156 is available in a lead-free, space-saving, thermally
enhanced 16-pin 4x4mm QFN package.
Applications
•
Color (RGB) Lighting
•
Programmable Current Sinks
•
White LED Backlighting
•
White Photo Flash for Digital Still Cameras
Typical Application Circuit
VIN
1uF
CIN
AP3156
C2P
C2N
C1N
VOUT
D4
D1
D2
D3
GND
SDI
SDI
2
10
VIN
1uF
C2
8
5
1uF
C1
7
6
C1P
9,11
4
15
D6
LED
14
D5
LED
13
D4
LED
12
D3
LED
1uF
COUT
D5
D6
1
16
D2
LED
D1
LED
Features
General Description


Similar Part No. - AP3156

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3156 DIODES-AP3156 Datasheet
189Kb / 2P
Small LCD screen backlighting charge pump LED drivers
AP3156FVG-7 DIODES-AP3156FVG-7 Datasheet
189Kb / 2P
Small LCD screen backlighting charge pump LED drivers
More results

Similar Description - AP3156

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3151.2007.03.1.10
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3167.2007.03.1.4
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com