Electronic Components Datasheet Search
  English  ▼

X  

P89LPC915FN Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89LPC915FN
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FN Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89LPC915FN Datasheet HTML 29Page - NXP Semiconductors P89LPC915FN Datasheet HTML 30Page - NXP Semiconductors P89LPC915FN Datasheet HTML 31Page - NXP Semiconductors P89LPC915FN Datasheet HTML 32Page - NXP Semiconductors P89LPC915FN Datasheet HTML 33Page - NXP Semiconductors P89LPC915FN Datasheet HTML 34Page - NXP Semiconductors P89LPC915FN Datasheet HTML 35Page - NXP Semiconductors P89LPC915FN Datasheet HTML 36Page - NXP Semiconductors P89LPC915FN Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
33 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
8.9 Low power select
The P89LPC915/916/917 is designed to run at 18 MHz (CCLK) maximum. However, if
CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to ‘1’ to lower the
power consumption further. On any reset, CLKLP is ‘0’ allowing highest performance
access. This bit can then be set in software if CCLK is running at 8 MHz or slower.
8.10 Memory organization
The various P89LPC915/916/917 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00H:7FH) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00H:FFH) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and status
registers, accessible only via direct addressing.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC915/916/917 devices have 2 kB of on-chip Code
memory.
8.11 Data RAM arrangement
The 256 bytes of on-chip RAM are organized as shown in Table 10.
8.12 Interrupts
The P89LPC915/916/917 uses a four priority level interrupt structure. This allows great
flexibility in controlling the handling of the many interrupt sources.
The P89LPC915 and P89LPC917 support 13 interrupt sources: external interrupts 0 and
1, timers 0 and 1, serial port TX, serial port RX, combined serial port RX/TX, brownout
detect, watchdog/RTC, I2C-bus, keyboard, comparators 1 and 2, and ADC completion.
The P89LPC916 supports 14 interrupt sources: external interrupts 0 and 1, timers 0 and
1, serial port TX, serial port RX, combined serial port RX/TX, brownout detect,
watchdog/RTC, I2C-bus, keyboard, comparators 1 and 2, SPI, and ADC completion.
Table 10.
On-chip data memory usages
Type
Data RAM
Size (bytes)
DATA
Memory that can be addressed directly and indirectly
128
IDATA
Memory that can be addressed indirectly
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com