Electronic Components Datasheet Search
  English  ▼

X  

P89LPC915FN Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P89LPC915FN
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FN Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P89LPC915FN Datasheet HTML 48Page - NXP Semiconductors P89LPC915FN Datasheet HTML 49Page - NXP Semiconductors P89LPC915FN Datasheet HTML 50Page - NXP Semiconductors P89LPC915FN Datasheet HTML 51Page - NXP Semiconductors P89LPC915FN Datasheet HTML 52Page - NXP Semiconductors P89LPC915FN Datasheet HTML 53Page - NXP Semiconductors P89LPC915FN Datasheet HTML 54Page - NXP Semiconductors P89LPC915FN Datasheet HTML 55Page - NXP Semiconductors P89LPC915FN Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
52 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
8.26.6 ICP
ICP is performed without removing the microcontroller from the system. The ICP facility
consists of internal hardware resources to facilitate remote programming of the
P89LPC915/916/917 through a two-wire serial interface. The NXP ICP facility has made
in-circuit programming in an embedded application—using commercially available
programmers—possible with a minimum of additional expense in components and circuit
board area. The ICP function uses five pins. Only a small connector needs to be available
to interface your application to a commercial programmer in order to use this feature.
Additional details may be found in the P89LPC915/916/917
User’s Manual.
8.26.7 IAP-Lite
IAP-Lite is performed in the application under the control of the microcontroller’s firmware.
The IAP facility consists of internal hardware resources to facilitate programming and
erasing. The IAP-Lite operations are accomplished through the use of four SFRs
consisting of a control/status register, a data register, and two address registers.
Additional details may be found in the P89LPC915/916/917
User’s Manual.
8.26.8 Power-on reset code execution
The P89LPC915/916/917 contains two special flash elements: the Boot Vector and the
Boot Status bit. Following reset, the P89LPC915/916/917 examines the contents of the
Boot Status bit. If the Boot Status bit is set to zero, power-up execution starts at location
0000H, which is the normal start address of the user’s application code. When the Boot
Status bit is set to a value other than zero, the contents of the Boot Vector are used as the
high byte of the execution address and the low byte is set to 00H.
Table 13 shows the factory default Boot Vector setting for this device. While these devices
do not contain a factory bootloader, the Boot Vector and Status bit do provide a
mechanism for an alternate code execution at reset.
8.26.9 Hardware activation of the alternate code
The alternate code execution address can be forced during a power-on sequence (see the
P89LPC915/916/917
User’s Manual for specific information). This has the same effect as
having a non-zero status byte. This allows an application to be built that will normally
execute user code starting at address 0000H but can be manually forced into executing
from an alternated address using the Boot Vector. After programming the flash, the status
byte should be programmed to zero in order to allow execution of the user’s application
code beginning at address 0000H.
8.27 User configuration bytes
Some user-configurable features of the P89LPC915/916/917 must be defined at power-up
and therefore cannot be set by the program after start of execution. These features are
configured through the use of the flash byte UCFG1. Please see the P89LPC915/916/917
User’s Manual for additional details.
Table 13.
Default boot vector and Status bit values
Device
Default boot vector
Default Status bit
P89LPC915
00H
0
P89LPC916
00H
0
P89LPC917
00H
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com