Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9402 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89LPC9402
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9402 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89LPC9402 Datasheet HTML 45Page - NXP Semiconductors P89LPC9402 Datasheet HTML 46Page - NXP Semiconductors P89LPC9402 Datasheet HTML 47Page - NXP Semiconductors P89LPC9402 Datasheet HTML 48Page - NXP Semiconductors P89LPC9402 Datasheet HTML 49Page - NXP Semiconductors P89LPC9402 Datasheet HTML 50Page - NXP Semiconductors P89LPC9402 Datasheet HTML 51Page - NXP Semiconductors P89LPC9402 Datasheet HTML 52Page - NXP Semiconductors P89LPC9402 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
P89LPC9402_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2009
49 of 60
NXP Semiconductors
P89LPC9402
8-bit microcontroller with accelerated two-clock 80C51 core
Table 14.
Dynamic characteristics (18 MHz)
VDD = 3.0 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.[1][2]
Symbol
Parameter
Conditions
Variable clock
fosc = 18 MHz Unit
Min
Max
Min
Max
fosc(RC)
internal RC oscillator frequency
7.189
7.557
7.189
7.557
MHz
fosc(WD)
internal watchdog oscillator frequency
320
520
320
520
kHz
fosc
oscillator frequency
0
18
-
-
MHz
Tcy(clk)
clock cycle time
see Figure 18
55
-
-
-
ns
fCLKLP
low-power select clock frequency
0
8
-
-
MHz
Glitch filter
tgr
glitch rejection time
P1.5/RST pin
-
50
-
50
ns
any pin except
P1.5/RST
125
-
125
-
ns
tsa
signal acceptance time
P1.5/RST pin
-
15
-
15
ns
any pin except
P1.5/RST
50
-
50
-
ns
External clock
tCHCX
clock HIGH time
see Figure 18
22
Tcy(clk) − tCLCX
22
-
ns
tCLCX
clock LOW time
see Figure 18
22
Tcy(clk) − tCHCX
22
-
ns
tCLCH
clock rise time
see Figure 18
-5
-
5
ns
tCHCL
clock fall time
see Figure 18
-5
-
5
ns
Shift register (UART mode 0)
TXLXL
serial port clock cycle time
see Figure 17
16Tcy(clk)
-
888
-
ns
tQVXH
output data set-up to clock rising edge
time
see Figure 17
13Tcy(clk)
-
722
-
ns
tXHQX
output data hold after clock rising
edge time
see Figure 17
-Tcy(clk) + 20
-
75
ns
tXHDX
input data hold after clock rising edge
time
see Figure 17
-0
-
0
ns
tXHDV
input data valid to clock rising edge
time
see Figure 17
150
-
150
-
ns
SPI interface
fSPI
SPI operating frequency
slave
0
CCLK
⁄6
0
3.0
MHz
master
-
CCLK
⁄4
-
4.5
MHz
TSPICYC
SPI cycle time
see Figure 19,
20, 21, 22
slave
6
⁄CCLK
-
333
-
ns
master
4
⁄CCLK
-
222
-
ns
tSPILEAD
SPI enable lead time
see Figure 21,
22
slave
250
-
250
-
ns
tSPILAG
SPI enable lag time
see Figure 21,
22
slave
250
-
250
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com