Electronic Components Datasheet Search
  English  ▼

X  

PCA2125TS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA2125TS
Description  SPI Real-time clock/calendar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125TS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA2125TS Datasheet HTML 3Page - NXP Semiconductors PCA2125TS Datasheet HTML 4Page - NXP Semiconductors PCA2125TS Datasheet HTML 5Page - NXP Semiconductors PCA2125TS Datasheet HTML 6Page - NXP Semiconductors PCA2125TS Datasheet HTML 7Page - NXP Semiconductors PCA2125TS Datasheet HTML 8Page - NXP Semiconductors PCA2125TS Datasheet HTML 9Page - NXP Semiconductors PCA2125TS Datasheet HTML 10Page - NXP Semiconductors PCA2125TS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
PCA2125_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2008
7 of 36
NXP Semiconductors
PCA2125
SPI Real-time clock/calendar
8.3 Control registers
Table 6.
Control_1 register (address 00h) bit description
Bit
Symbol
Value
Description
Reference
7
EXT_TEST
0
normal mode
Section 8.9
1
external clock test mode
6
-
0
unused
5
STOP
0
RTC source clock runs
Section 8.10
1
RTC divider chain flip-flops are asynchronously set
to logic 0; the RTC clock is stopped (CLKOUT at
32.768 kHz, 16.384 kHz or 8.192 kHz is still
available)
4
-
0
unused
-
3
POR_OVRD
0
power-on reset override facility is disabled; set to
logic 0 for normal operation
Section 8.2.1
1
power-on reset override is enabled
2
12_24
0
24 hour mode is selected
Table 11
1
12 hour mode is selected
1 to 0
-
0
unused
-
Table 7.
Control_2 register (address 01h) bit description
Bit
Symbol
Value
Description
Reference
7
MI
0
minute interrupt is disabled
Section 8.6.1
1
minute interrupt is enabled
6
SI
0
second interrupt is disabled
1
second interrupt is enabled
5
MSF
0
no minute or second interrupt generated
Section 8.6
1
flag set when minute or second interrupt generated;
flag must be cleared to clear interrupt
4
TI_TP
0
interrupt pin follows timer flags
Section 8.7.2
1
interrupt pin generates a pulse
3
AF
0
no alarm interrupt generated
Section 8.5.1
1
flag set when alarm triggered; flag must be cleared
to clear interrupt
2
TF
0
no countdown timer interrupt generated
-
1
flag set when countdown timer interrupt generated;
flag must be cleared to clear interrupt
-
1
AIE
0
no interrupt generated from the alarm flag
Section 8.7.3
1
interrupt generated when alarm flag set
0
TIE
0
no interrupt generated from the countdown timer
flag
Section 8.7
1
interrupt generated when countdown timer flag set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com