Electronic Components Datasheet Search
  English  ▼

X  

PCA2125TS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA2125TS
Description  SPI Real-time clock/calendar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125TS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA2125TS Datasheet HTML 10Page - NXP Semiconductors PCA2125TS Datasheet HTML 11Page - NXP Semiconductors PCA2125TS Datasheet HTML 12Page - NXP Semiconductors PCA2125TS Datasheet HTML 13Page - NXP Semiconductors PCA2125TS Datasheet HTML 14Page - NXP Semiconductors PCA2125TS Datasheet HTML 15Page - NXP Semiconductors PCA2125TS Datasheet HTML 16Page - NXP Semiconductors PCA2125TS Datasheet HTML 17Page - NXP Semiconductors PCA2125TS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
PCA2125_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2008
14 of 36
NXP Semiconductors
PCA2125
SPI Real-time clock/calendar
The minute and second flag (bit MSF) is set to logic 1 when either the seconds or the
minutes counter increments according to the currently enabled interrupt. The flag can be
read and cleared by the interface. The status of bit MSF does not affect the INT pulse
generation. If the MSF flag is not cleared prior to the next coming interrupt period, an INT
pulse will still be generated.
The purpose of the flag is to allow the controlling system to interrogate the PCA2125 and
identify the source of the interrupt such as the minute/second or countdown timer.
a. INT and MSF when SI enabled (MSF flag not cleared after an interrupt)
b. INT and MSF when only MI enabled
Bit TI_TP is set to logic 1 resulting in 1
⁄
64 Hz wide interrupt pulse.
Fig 9.
INT example for bits SI and MI
Table 26.
Effect of bits MI and SI on INT generation
Minute interrupt (bit MI)
Second interrupt (bit SI) Result
0
0
no interrupt generated
1
0
an interrupt once per minute
0
1
an interrupt once per second
1
1
an interrupt once per second
001aai520
seconds counter
minutes counter
INT
MSF
58
59
00
59
00
11
12
01
001aai521
seconds counter
minutes counter
INT
MSF
58
59
00
59
00
11
12
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com