Electronic Components Datasheet Search
  English  ▼

X  

PCA9505DGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9505DGG
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505DGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9505DGG Datasheet HTML 2Page - NXP Semiconductors PCA9505DGG Datasheet HTML 3Page - NXP Semiconductors PCA9505DGG Datasheet HTML 4Page - NXP Semiconductors PCA9505DGG Datasheet HTML 5Page - NXP Semiconductors PCA9505DGG Datasheet HTML 6Page - NXP Semiconductors PCA9505DGG Datasheet HTML 7Page - NXP Semiconductors PCA9505DGG Datasheet HTML 8Page - NXP Semiconductors PCA9505DGG Datasheet HTML 9Page - NXP Semiconductors PCA9505DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
6 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
6.2 Pin description
Fig 4.
Pin configuration for HVQFN56
IO1_5
VDD
002aab975
PCA9506BS
Transparent top view
IO3_0
IO1_6
IO1_7
IO3_1
IO3_2
VSS
IO1_4
IO3_3
IO1_3
IO3_4
IO1_2
IO3_5
IO1_1
IO3_6
IO1_0
IO3_7
IO0_7
IO4_0
VSS
VDD
IO0_6
IO4_1
IO0_5
IO4_2
IO0_4
IO4_3
14
29
13
30
12
31
11
32
10
33
9
34
8
35
7
36
6
37
5
38
4
39
3
40
2
41
1
42
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Type
Description
TSSOP56
HVQFN56
SDA
1
50
I/O
serial data line
SCL
2
51
I
serial clock line
IO0_0 to IO0_7
3, 4, 5, 7, 8, 9,
10, 12
52, 53, 54, 56, 1,
2, 3, 5
I/O
input/output bank 0
IO1_0 to IO1_7
13, 14, 15, 16,
17, 19, 20, 21
6, 7, 8, 9, 10, 12,
13, 14
I/O
input/output bank 1
IO2_0 to IO2_7
22, 24, 25, 26,
31, 32, 33, 35
15, 17, 18, 19,
24, 25, 26, 28
I/O
input/output bank 2
IO3_0 to IO3_7
36, 37, 38, 40,
41, 42, 43, 44
29, 30, 31, 33,
34, 35, 36, 37
I/O
input/output bank 3
IO4_0 to IO4_7
45, 47, 48, 49,
50, 52, 53, 54
38, 40, 41, 42,
43, 45, 46, 47
I/O
input/output bank 4
VSS
6, 11, 23, 34,
39, 51
4, 16, 27, 32, 44,
55[1]
power
supply
ground supply voltage
VDD
18, 46
11, 39
power
supply
supply voltage
A0
27
20
I
address input 0
A1
28
21
I
address input 1
A2
29
22
I
address input 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com