Electronic Components Datasheet Search
  English  ▼

X  

PCA9505DGG Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9505DGG
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505DGG Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9505DGG Datasheet HTML 4Page - NXP Semiconductors PCA9505DGG Datasheet HTML 5Page - NXP Semiconductors PCA9505DGG Datasheet HTML 6Page - NXP Semiconductors PCA9505DGG Datasheet HTML 7Page - NXP Semiconductors PCA9505DGG Datasheet HTML 8Page - NXP Semiconductors PCA9505DGG Datasheet HTML 9Page - NXP Semiconductors PCA9505DGG Datasheet HTML 10Page - NXP Semiconductors PCA9505DGG Datasheet HTML 11Page - NXP Semiconductors PCA9505DGG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
8 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
The lowest 6 bits are used as a pointer to determine which register will be accessed. The
registers are:
• IP: Input Port registers (5 registers)
• OP: Output Port registers (5 registers)
• PI: Polarity Inversion registers (5 registers)
• IOC: I/O Configuration registers (5 registers)
• MSK: Mask interrupt registers (5 registers)
If the Auto-Increment flag is set (AI = 1), the 3 least significant bits are automatically
incremented after a read or write. This allows the user to program and/or read the
5 register banks sequentially.
If more than 5 bytes of data are written and AI = 1, previous data in the selected registers
will be overwritten. Reserved registers are skipped and not accessed (refer to Table 3).
If the Auto-Increment flag is cleared (AI = 0), the 3 least significant bits are not
incremented after data is read or written. During a read operation, the same register bank
is read each time. During a write operation, data is written to the same register bank each
time.
Only a Command register code with the 5 least significant bits equal to the 25 allowable
values as defined in Table 3 are valid. Reserved or undefined command codes must not
be accessed for proper device functionality. At power-up, this register defaults to 0x80,
with the AI bit set to logic 1, and the lowest 7 bits set to logic 0.
During a write operation, the PCA9505/06 will acknowledge a byte sent to OPx, PIx, and
IOCx and MSKx registers, but will not acknowledge a byte sent to the IPx registers since
these are read-only registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com