Electronic Components Datasheet Search
  English  ▼

X  

PCA9533 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9533
Description  4-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9533 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9533 Datasheet HTML 1Page - NXP Semiconductors PCA9533 Datasheet HTML 2Page - NXP Semiconductors PCA9533 Datasheet HTML 3Page - NXP Semiconductors PCA9533 Datasheet HTML 4Page - NXP Semiconductors PCA9533 Datasheet HTML 5Page - NXP Semiconductors PCA9533 Datasheet HTML 6Page - NXP Semiconductors PCA9533 Datasheet HTML 7Page - NXP Semiconductors PCA9533 Datasheet HTML 8Page - NXP Semiconductors PCA9533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PCA9533_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2009
5 of 24
NXP Semiconductors
PCA9533
4-bit I2C-bus LED dimmer
6.2.1 Control register definition
6.3 Register descriptions
6.3.1 INPUT - Input register
The INPUT register reflects the state of the device pins. Writes to this register will be
acknowledged but will have no effect.
Remark: The default value ‘X’ is determined by the externally applied logic level (normally
logic 1) when used for directly driving LED with pull-up to VDD.
6.3.2 PCS0 - Frequency Prescaler 0
PSC0 is used to program the period of the PWM output.
The period of BLINK0 = (PSC0 + 1) / 152.
6.3.3 PWM0 - Pulse Width Modulation 0
The PWM0 register determines the duty cycle of BLINK0. The outputs are LOW (LED on)
when the count is less than the value in PWM0 and HIGH (LED off) when it is greater. If
PWM0 is programmed with 00h, then the PWM0 output is always HIGH (LED off).
The duty cycle of BLINK0 = PWM0 / 256.
Table 4.
Register summary
B2
B1
B0
Symbol
Access
Description
0
0
0
INPUT
read only
input register
0
0
1
PSC0
read/write
frequency prescaler 0
0
1
0
PWM0
read/write
PWM register 0
0
1
1
PSC1
read/write
frequency prescaler 1
1
0
0
PWM1
read/write
PWM register 1
1
0
1
LS0
read/write
LED selector
Table 5.
INPUT - Input register description
Bit
7
6
5
4
3
2
1
0
Symbol
----
LED3
LED2
LED1
LED0
Default
0000
XXXX
Table 6.
PSC0 - Frequency Prescaler 0 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PSC0[7]
PSC0[6]
PSC0[5]
PSC0[4]
PSC0[3]
PSC0[2]
PSC0[1]
PSC0[0]
Default
00000000
Table 7.
PWM0 - Pulse Width Modulation 0 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PWM0
[7]
PWM0
[6]
PWM0
[5]
PWM0
[4]
PWM0
[3]
PWM0
[2]
PWM0
[1]
PWM0
[0]
Default
10000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com