Electronic Components Datasheet Search
  English  ▼

X  

PCA9533 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9533
Description  4-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9533 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9533 Datasheet HTML 8Page - NXP Semiconductors PCA9533 Datasheet HTML 9Page - NXP Semiconductors PCA9533 Datasheet HTML 10Page - NXP Semiconductors PCA9533 Datasheet HTML 11Page - NXP Semiconductors PCA9533 Datasheet HTML 12Page - NXP Semiconductors PCA9533 Datasheet HTML 13Page - NXP Semiconductors PCA9533 Datasheet HTML 14Page - NXP Semiconductors PCA9533 Datasheet HTML 15Page - NXP Semiconductors PCA9533 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
PCA9533_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2009
12 of 24
NXP Semiconductors
PCA9533
4-bit I2C-bus LED dimmer
8.2 Programming example
The following example will show how to set LED0 and LED1 off. It will set LED2 to blink at
1 Hz at a 50 % duty cycle. LED3 will be set to be dimmed at 25 % of their maximum
brightness (duty cycle = 25 %). PCA9533/01 is used in this example.
9.
Limiting values
Table 11.
Programming PCA9533
Program sequence
I2C-bus
START
S
PCA9533 address
C4h
PSC0 subaddress + Auto-Increment
11h
Set prescaler PSC0 to achieve a period of 1 second:
PSC0 = 151
97h
Set PWM0 duty cycle to 50 %:
PWM0 = 128
80h
Set prescaler PCS1 to dim at maximum frequency:
PSC1 = 0
00h
Set PWM1 output duty cycle to 25 %:
PWM1 = 64
40h
Set LED0 on, LED1 off; LED2 set to blink at PSC0, PWM0; LED3 set to blink at
PSC1, PWM1
E1h
STOP
P
Blink period
1
PSC0
1
+
152
------------------------
==
PWM 0
256
-----------------
0.5
=
Blink period
max
=
PWM 1
256
-----------------
0.25
=
Table 12.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VI/O
voltage on an input/output pin
VSS − 0.5
5.5
V
IO(LEDn)
output current on pin LEDn
-
25
mA
ISS
ground supply current
-
100
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com