Electronic Components Datasheet Search
  English  ▼

X  

PCA9538D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9538D
Description  8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9538D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9538D Datasheet HTML 6Page - NXP Semiconductors PCA9538D Datasheet HTML 7Page - NXP Semiconductors PCA9538D Datasheet HTML 8Page - NXP Semiconductors PCA9538D Datasheet HTML 9Page - NXP Semiconductors PCA9538D Datasheet HTML 10Page - NXP Semiconductors PCA9538D Datasheet HTML 11Page - NXP Semiconductors PCA9538D Datasheet HTML 12Page - NXP Semiconductors PCA9538D Datasheet HTML 13Page - NXP Semiconductors PCA9538D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PCA9538_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 28 May 2009
10 of 28
NXP Semiconductors
PCA9538
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Fig 9.
Read from register
A
S
START condition
R/W
acknowledge
from slave
002aae710
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1100
A1 A0
1
A
1
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
COMMAND BYTE
1100
A1 A0
1
0
data from register
DATA (last byte)
data from register
This figure assumes the command byte has previously been programmed with 00h.
Transfer of data can be stopped at any moment by a STOP condition.
Expanded diagram is shown in Figure 17.
Fig 10. Read input port register
1100
A1 A0
1
A
S1
slave address
START condition
R/W
acknowledge
from slave
002aae711
data from port
A
acknowledge
from master
SDA
NA
no acknowledge
from master
read from
port
data into
port
data from port
DATA 1
DATA 4
INT
DATA 4
DATA 2
DATA 3
P
STOP
condition
tv(INT)
trst(INT)
th(D)
tsu(D)
12345678
SCL
9
DATA 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com