Electronic Components Datasheet Search
  English  ▼

X  

PCA9557 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9557
Description  8-bit I2C-bus and SMBus I/O port with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9557 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9557 Datasheet HTML 8Page - NXP Semiconductors PCA9557 Datasheet HTML 9Page - NXP Semiconductors PCA9557 Datasheet HTML 10Page - NXP Semiconductors PCA9557 Datasheet HTML 11Page - NXP Semiconductors PCA9557 Datasheet HTML 12Page - NXP Semiconductors PCA9557 Datasheet HTML 13Page - NXP Semiconductors PCA9557 Datasheet HTML 14Page - NXP Semiconductors PCA9557 Datasheet HTML 15Page - NXP Semiconductors PCA9557 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
PCA9557
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 June 2008
12 of 26
NXP Semiconductors
PCA9557
8-bit I2C-bus and SMBus I/O port with reset
Fig 16. Read from register
0
1
1
A2 A1 A0
0
A
S0
START condition
R/W
acknowledge
from slave
002aad283
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
data from register
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1
A
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
data from register
DATA (last byte)
command byte
0
1
1
A2 A1 A0
0
Remark: This figure assumes the command byte has previously been programmed with 00h.
Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the last acknowledge
phase is valid (output mode). Input data is lost.
Fig 17. Read input port register
0
1
1
A2 A1 A0
1
A
S0
START condition
R/W
acknowledge
from slave
002aad284
A
acknowledge
from master
SDA
NA
read from
port
data into
port
P
th(D)
data from port
no acknowledge
from master
data from port
DATA 4
slave address
DATA 1
STOP
condition
DATA 2
DATA 3
DATA 4
tsu(D)
DATA 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com