Electronic Components Datasheet Search
  English  ▼

X  

PCA9557 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9557
Description  8-bit I2C-bus and SMBus I/O port with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9557 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9557 Datasheet HTML 9Page - NXP Semiconductors PCA9557 Datasheet HTML 10Page - NXP Semiconductors PCA9557 Datasheet HTML 11Page - NXP Semiconductors PCA9557 Datasheet HTML 12Page - NXP Semiconductors PCA9557 Datasheet HTML 13Page - NXP Semiconductors PCA9557 Datasheet HTML 14Page - NXP Semiconductors PCA9557 Datasheet HTML 15Page - NXP Semiconductors PCA9557 Datasheet HTML 16Page - NXP Semiconductors PCA9557 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PCA9557
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 June 2008
13 of 26
NXP Semiconductors
PCA9557
8-bit I2C-bus and SMBus I/O port with reset
9.
Application design-in information
9.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 18. Since the LED acts as a diode, when the LED is off the
I/O VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes
lower than VDD.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 19 shows a high value resistor in parallel with the LED. Figure 20 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI
at or above VDD and prevents additional supply current consumption when the LED is off.
Device address configured as 0011 100x for this example.
IO0, IO2, IO3 configured as outputs.
IO1, IO4, IO5 configured as inputs.
IO6, IO7 are not used.
Fig 18. Typical application
PCA9557
IO0
IO1
SCL
SDA
VDD
002aad285
SCL
SDA
IO2
IO3
VDD
VSS
MASTER
CONTROLLER
VSS
VDD (5 V)
620
Ω
SUBSYSTEM 1
(e.g., temp. sensor)
INT
SUBSYSTEM 2
(e.g., counter)
RESET
controlled switch
(e.g., CBT device)
A
B
enable
RESET
RESET
2 k
Ω
2 k
Ω
SUBSYSTEM 3
(e.g., alarm system)
ALARM
IO4
IO5
VDD
A2
A1
A0
IO6
IO7
100 k
Ω
(
× 5)
1.8 k
Ω
1.8 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com