Electronic Components Datasheet Search
  English  ▼

X  

PCA9557D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9557D
Description  8-bit I2C-bus and SMBus I/O port with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9557D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9557D Datasheet HTML 1Page - NXP Semiconductors PCA9557D Datasheet HTML 2Page - NXP Semiconductors PCA9557D Datasheet HTML 3Page - NXP Semiconductors PCA9557D Datasheet HTML 4Page - NXP Semiconductors PCA9557D Datasheet HTML 5Page - NXP Semiconductors PCA9557D Datasheet HTML 6Page - NXP Semiconductors PCA9557D Datasheet HTML 7Page - NXP Semiconductors PCA9557D Datasheet HTML 8Page - NXP Semiconductors PCA9557D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PCA9557
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 June 2008
2 of 26
NXP Semiconductors
PCA9557
8-bit I2C-bus and SMBus I/O port with reset
3.
Ordering information
3.1 Ordering options
4.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9557D
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
PCA9557PW
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9557BS
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 4
× 4 × 0.85 mm
SOT629-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9557D
PCA9557D
Tamb = −40 °C to +85 °C
PCA9557PW
PCA9557
Tamb = −40 °C to +85 °C
PCA9557BS
9557
Tamb = −40 °C to +85 °C
Fig 1.
Block diagram of PCA9557
PCA9557
POWER-ON
RESET
002aad275
I2C-BUS/SMBus
CONTROL
INPUT
FILTER
SCL
SDA
VDD
INPUT/
OUTPUT
PORTS
IO0
VSS
8-bit
write pulse
read pulse
IO2
IO4
IO6
IO1
IO3
IO5
IO7
A0
A1
A2
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com