Electronic Components Datasheet Search
  English  ▼

X  

PCA9574 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9574
Description  8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9574 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9574 Datasheet HTML 1Page - NXP Semiconductors PCA9574 Datasheet HTML 2Page - NXP Semiconductors PCA9574 Datasheet HTML 3Page - NXP Semiconductors PCA9574 Datasheet HTML 4Page - NXP Semiconductors PCA9574 Datasheet HTML 5Page - NXP Semiconductors PCA9574 Datasheet HTML 6Page - NXP Semiconductors PCA9574 Datasheet HTML 7Page - NXP Semiconductors PCA9574 Datasheet HTML 8Page - NXP Semiconductors PCA9574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PCA9574_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 July 2009
3 of 32
NXP Semiconductors
PCA9574
8-bit I2C-bus and SMBus, level translating, low voltage GPIO
I Gaming machines
I Instrumentation and test measurement
4.
Ordering information
4.1 Ordering options
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9574PW
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9574BS
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
× 3 × 0.85 mm
SOT758-1
PCA9574HR
HXQFN16U plastic thermal enhanced extremely thin quad flat
package; no leads; 16 terminals; UTLP based;
body 2
× 2 × 0.5 mm
SOT1046-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9574PW
PCA9574
Tamb = −40 °C to +85 °C
PCA9574BS
P74
Tamb = −40 °C to +85 °C
PCA9574HR
74
Tamb = −40 °C to +85 °C
Remark: All I/Os are set to inputs at power-up and RESET.
Fig 1.
Block diagram of PCA9574
PCA9574
POWER-ON
RESET
002aad054
I2C-BUS/SMBus
CONTROL
INPUT
FILTER
SCL
SDA
VDD
INPUT/
OUTPUT
PORTS
P0
VSS
8-bit
write pulse
read pulse
P2
P4
P6
P1
P3
P5
P7
LP
FILTER
VDD
INT
A0
RESET
VDD(IO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com