Electronic Components Datasheet Search
  English  ▼

X  

LVR012S Datasheet(PDF) 8 Page - Tyco Electronics

Part # LVR012S
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR012S Datasheet(HTML) 8 Page - Tyco Electronics

Back Button LVR012S Datasheet HTML 2Page - Tyco Electronics LVR012S Datasheet HTML 3Page - Tyco Electronics LVR012S Datasheet HTML 4Page - Tyco Electronics LVR012S Datasheet HTML 5Page - Tyco Electronics LVR012S Datasheet HTML 6Page - Tyco Electronics LVR012S Datasheet HTML 7Page - Tyco Electronics LVR012S Datasheet HTML 8Page - Tyco Electronics LVR012S Datasheet HTML 9Page - Tyco Electronics LVR012S Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
146
RoHS Compliant, ELV Compliant
10
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
18
-0.5/+1.0
Hold-down tape width
W4
11
Minimum
Top distance between tape edges
W6
3
Maximum
Sprocket hole position
W5
9
-0.5/+0.75
Sprocket hole diameter
D0
4
± 0.2
Abscissa to plane (straight lead) (LVR005N to LVR016)
H
18.5
± 2.5
Abscissa to plane (kinked lead) (LVR005N to LVR016)
H0
16.0
± 0.5
Abscissa to top (LVR005N to LVR016)
H1
32.2
Maximum
Abscissa to top* (LVR025 to LVR055)
H1
45.0
Maximum
Overall width with lead protrusion (LVR005N to LVR016)
C1
43.2
Maximum
Overall width with lead protrusion (LVR025 to LVR055)
C1
56.0
Maximum
Overall width without lead protrusion (LVR005N to LVR016)
C2
42.5
Maximum
Overall width without lead protrusion (LVR025 to LVR055)
C2
56.0
Maximum
Lead protrusion
L1
1.0
Maximum
Protrusion of cut-out
L
11.0
Maximum
Protrusion beyond hold-down tape
I2
Not specified
—
Sprocket hole pitch
P0
12.7
± 0.3
Device pitch (LVR005N to LVR040)
—
12.7
± 0.3
Device pitch (LVR055)
—
25.4
± 0.6
Pitch tolerance
—
20 consecutive
± 1
Tape thickness
t
0.9
Maximum
Overall tape and lead thickness (LVR005N to LVR040)
t1
1.5
Maximum
Overall tape and lead thickness (LVR055)
t1
2.3
Maximum
Splice sprocket hole alignment
—0
± 0.3
Body lateral deviation
h0
± 1.0
Body tape plane deviation
p0
± 1.3
Ordinate to adjacent component lead
P1
3.81
± 0.7
Lead spacing*
F
5.08
+0.75/-0.5
Reel width (LVR005N to LVR040)
w2
56.0
Maximum
Reel width* (LVR055)
w2
63.5
Maximum
Reel diameter
a
370.0
Maximum
Space between flanges* (LVR005N to LVR040)
w1
48.0
Maximum
Space between flanges* (LVR055)
w1
55.0
Maximum
Arbor hold diameter
c
26.0
± 12.0
Core diameter*
n
91.0
Maximum
Box
—
64/372/362
Maximum
Consecutive missing places
—
None
—
Empty places per reel
—
0.1%
Maximum
*Differs from EIA specification.
LVR devices are available in tape and reel packaging per EIA468-B/IEC60286-2 standards.
See Figures L7 and L8 for details.
Table L7 Tape and Reel Specifications for LVR Devices



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com