Electronic Components Datasheet Search
  English  ▼

X  

LVR012S Datasheet(PDF) 3 Page - Tyco Electronics

Part # LVR012S
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR012S Datasheet(HTML) 3 Page - Tyco Electronics

  LVR012S Datasheet HTML 1Page - Tyco Electronics LVR012S Datasheet HTML 2Page - Tyco Electronics LVR012S Datasheet HTML 3Page - Tyco Electronics LVR012S Datasheet HTML 4Page - Tyco Electronics LVR012S Datasheet HTML 5Page - Tyco Electronics LVR012S Datasheet HTML 6Page - Tyco Electronics LVR012S Datasheet HTML 7Page - Tyco Electronics LVR012S Datasheet HTML 8Page - Tyco Electronics LVR012S Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
141
RoHS Compliant, ELV Compliant
10
LVR/LVRL
LVR005NK
0.05
0.12
240
265
1.0
0.9
0.25
10.0
18.500
31.000
65.000
[0.51mm(24)]
120
135
20.0
LVR005NS
0.05
0.12
240
265
1.0
0.9
0.25
10.0
18.500
31.000
65.000
[0.51mm(24)]
120
135
20.0
LVR008NK
0.08
0.19
240
265
1.2
0.9
0.40
10.0
7.400
12.000
26.000
[0.51mm(24)]
120
135
20.0
LVR008NS
0.08
0.19
240
265
1.2
0.9
0.40
10.0
7.400
12.000
26.000
[0.51mm(24)]
120
135
20.0
LVR012K
0.12
0.30
240
265
1.2
1.0
0.60
15.0
3.000
6.500
12.000
[0.51mm(24)]
120
135
20.0
LVR012S
0.12
0.30
240
265
1.2
1.0
0.60
15.0
3.000
6.500
12.000
[0.51mm(24)]
120
135
20.0
LVR016K
0.16
0.37
240
265
2.0
1.4
0.80
15.0
2.500
4.100
7.800
[0.51mm(24)]
120
135
20.0
LVR016S
0.16
0.37
240
265
2.0
1.4
0.80
15.0
2.500
4.100
7.800
[0.51mm(24)]
120
135
20.0
LVR025K
0.25
0.56
240
265
3.5
1.5
1.25
18.5
1.300
2.100
3.800
[0.64mm(22)]
120
135
20.0
LVR025S
0.25
0.56
240
265
3.5
1.5
1.25
18.5
1.300
2.100
3.800
[0.64mm(22)]
120
135
20.0
LVR033K
0.33
0.74
240
265
4.5
1.7
1.65
21.0
0.770
1.240
2.600
[0.64mm(22)]
120
135
20.0
LVR033S
0.33
0.74
240
265
4.5
1.7
1.65
21.0
0.770
1.240
2.600
[0.64mm(22)]
120
135
20.0
LVR040K
0.40
0.90
240
265
5.5
2.0
2.00
24.0
0.600
0.970
1.900
[0.64mm(22)]
120
135
20.0
LVR040S
0.40
0.90
240
265
5.5
2.0
2.00
24.0
0.600
0.970
1.900
[0.64mm(22)]
120
135
20.0
LVR055K
0.55
1.25
240
265
7.0
3.4
2.75
26.0
0.450
0.730
1.450
[0.81mm(20)]
120
135
20.0
LVR055S
0.55
1.25
240
265
7.0
3.4
2.75
26.0
0.450
0.730
1.450
[0.81mm(20)]
120
135
20.0
LVR075S
0.75
1.50
240
265
7.5
2.6
3.75
18.0
0.316
0.483
0.839
[0.81mm(20)]
LVR100S
1.00
2.00
240
265
10.0
2.9
5.00
21.0
0.218
0.334
0.580
[0.81mm(20)]
LVR125S
1.25
2.50
240
265
12.5
3.3
6.25
23.0
0.165
0.253
0.440
[0.81mm(20)]
LVR200S
2.00
4.00
240
265
20.0
4.5
10.00
28.0
0.089
0.131
0.221
[0.81mm(20)]
LVRL075S
0.75
1.52
120
135
7.5
1.8
3.75
14.0
0.250
0.400
0.690
[0.81mm(20)]
LVRL100S
1.00
2.00
120
135
10.0
2.2
5.00
13.6
0.179
0.269
0.470
[0.81mm(20)]
LVRL125S
1.25
2.50
120
135
12.5
2.0
6.25
18.0
0.117
0.179
0.320
[0.81mm(20)]
LVRL135S
1.35
2.70
120
135
13.5
2.8
6.75
20.0
0.109
0.167
0.300
[0.81mm(20)]
LVRL200S
2.00
4.20
120
135
20.0
3.9
10.00
36.0
0.075
0.117
0.205
[0.81mm(20)]
Part
Number
IH
(A)
IT
(A)
Operating
(VAC)
Interrupt
(VAC)
IMAX†
Interrupt
(A)
PDTyp
(W)
RMIN
(
Ω)
R1MAX
(
Ω)
Lead Size
[mm (AWG)]
RMAX
(
Ω)
Max. Time-to-trip
(A)
(s)
Notes:
IH
: Hold current: maximum current device will pass without interruption in 20°C still air.
IT
: Trip current: minimum current that will switch the device from low resistance to high resistance in 20°C still air.
VMAX Operating: Maximum continuous voltage device can withstand without damage at rated current.
VMAX Interrupt : Under specified conditions this is the highest voltage that can be applied to the device at the maximum interrupt current.
IMAX Interrupt : Maximum fault current device can withstand without damage at rated voltage.
PD
: Power dissipated from device when in the tripped state in 20°C still air.
RMIN
: Minimum resistance of device as supplied at 20°C unless otherwise specified.
RMAX
: Maximum resistance of device as supplied at 20°C unless otherwise specified.
R1MAX
: Maximum resistance of device when measured one hour post trip at 20°C unless otherwise specified.
* Electrical characteristics determined at 20°C.
† See Application Limitations on next page.
VMAX†
Table L3 Electrical Characteristics for LVR Devices*



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com