Electronic Components Datasheet Search
  English  ▼

X  

PCF2120 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF2120
Description  Quartz oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2120 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF2120 Datasheet HTML 1Page - NXP Semiconductors PCF2120 Datasheet HTML 2Page - NXP Semiconductors PCF2120 Datasheet HTML 3Page - NXP Semiconductors PCF2120 Datasheet HTML 4Page - NXP Semiconductors PCF2120 Datasheet HTML 5Page - NXP Semiconductors PCF2120 Datasheet HTML 6Page - NXP Semiconductors PCF2120 Datasheet HTML 7Page - NXP Semiconductors PCF2120 Datasheet HTML 8Page - NXP Semiconductors PCF2120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PCF2120_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 February 2008
4 of 14
NXP Semiconductors
PCF2120
Quartz oscillator
9.
Internal circuitry
10. Limiting values
[1]
Human Body Model (HBM) according to JESD22-A114.
[2]
Machine Model (MM) according to JESD22-A115.
[3]
Charged-Device Model (CDM) according to JESD22-C101.
[4]
Latch-up testing according to JESD78.
Pin numbers shown for HSVON10 package.
Fig 5.
Device diode protection diagram
001aaf634
1
2
3
TEST
CLKOUT
VDD
CLKOE
4
5
6
7
OSCI
OSCO
VSS
PCF2120
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
IDD
supply current
−50
+50
mA
VI
input voltage
−0.5
+6.5
V
VO
output voltage
−0.5
+6.5
V
II
input current
at any input
−10
+10
mA
IO
output current
at any output
−10
+10
mA
Ptot
total power dissipation
-
300
mW
Tstg
storage temperature
−65
+150
°C
Vesd
electrostatic discharge voltage
HBM
[1] -
±2000
V
MM
[2] -
±200
V
CDM
[3] -
±2000
V
Ilu
latch-up current
[4] -
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com