Electronic Components Datasheet Search
  English  ▼

X  

PCF2120 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2120
Description  Quartz oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2120 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2120 Datasheet HTML 5Page - NXP Semiconductors PCF2120 Datasheet HTML 6Page - NXP Semiconductors PCF2120 Datasheet HTML 7Page - NXP Semiconductors PCF2120 Datasheet HTML 8Page - NXP Semiconductors PCF2120 Datasheet HTML 9Page - NXP Semiconductors PCF2120 Datasheet HTML 10Page - NXP Semiconductors PCF2120 Datasheet HTML 11Page - NXP Semiconductors PCF2120 Datasheet HTML 12Page - NXP Semiconductors PCF2120 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PCF2120_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 February 2008
9 of 14
NXP Semiconductors
PCF2120
Quartz oscillator
15. Bare die outline
16. Soldering of SMD packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering ICs can be found in Application Note
AN10365 “Surface mount reflow
soldering description”.
Fig 10. Bare die outline PCF2120U
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCF2120U
Wire bond die; 7 bonding pads; 0.57 x 1.1 x 0.2 mm
PCF2120U
07-12-07
08-02-01
UNIT
A
mm
0.212
0.188
D
1.1
E
0.57
P1
0.07
P2
0.06
DIMENSIONS (mm are the original dimensions)
0
0.5
1 mm
scale
A
detail X
P2
P1
P3
P4
D
E
1
2
3
45
6
7
bonding pad 1
corner
X
x
y
0
0
P3
0.07
P4
0.06
P1 and P3: pad size
P2 and P4: passivation opening
Table 7.
Bonding pad coordinates
Values x and y in
µm.
Pad
x
y
1
+313
+187
2
+93
+187
3
−236
+187
4
−259
−172
5
−137
−172
6
+127
−172
7
+380
−172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com