Electronic Components Datasheet Search
  English  ▼

X  

PCA9674ATS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9674ATS
Description  Remote 8-bit I/O expander for Fm I2C-bus with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9674ATS Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9674ATS Datasheet HTML 1Page - NXP Semiconductors PCA9674ATS Datasheet HTML 2Page - NXP Semiconductors PCA9674ATS Datasheet HTML 3Page - NXP Semiconductors PCA9674ATS Datasheet HTML 4Page - NXP Semiconductors PCA9674ATS Datasheet HTML 5Page - NXP Semiconductors PCA9674ATS Datasheet HTML 6Page - NXP Semiconductors PCA9674ATS Datasheet HTML 7Page - NXP Semiconductors PCA9674ATS Datasheet HTML 8Page - NXP Semiconductors PCA9674ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1.
General description
The PCA9674/74A provide general purpose remote I/O expansion for most
microcontroller families via the two-line bidirectional bus (I2C-bus) and is a part of the
Fast-mode Plus (Fm+) family.
The PCA9674/74A is a drop-in upgrade for the PCF8574/74A providing higher Fast-mode
Plus I2C-bus speeds (1 MHz versus 400 kHz) so that the output can support PWM
dimming of LEDs, higher I2C-bus drive (30 mA versus 3 mA) so that many more devices
can be on the bus without the need for bus buffers, higher total package sink capacity
(200 mA versus 100 mA) that supports having all LEDs on at the same time and more
device addresses (64 versus 8) are available to allow many more devices on the bus
without address conflicts.
The devices consist of an 8-bit quasi-bidirectional port and an I2C-bus interface. The
PCA9674/74A have low current consumption and include latched outputs with 25 mA high
current drive capability for directly driving LEDs.
They also possess an interrupt line (INT) that can be connected to the interrupt logic of
the microcontroller. By sending an interrupt signal on this line, the remote I/O can inform
the microcontroller if there is incoming data on its ports without having to communicate via
the I2C-bus.
The internal Power-On Reset (POR) or Software Reset sequence initializes the I/Os as
inputs.
2.
Features
I 1 MHz I2C-bus interface
I Compliant with the I2C-bus Fast and Standard modes
I SDA with 30 mA sink capability for 4000 pF buses
I 2.3 V to 5.5 V operation with 5.5 V tolerant I/Os
I 8-bit remote I/O pins that default to inputs at power-up
I Latched outputs with 25 mA sink capability for directly driving LEDs
I Total package sink capability of 200 mA
I Active LOW open-drain interrupt output
I 64 programmable slave addresses using 3 address pins
I Readable device ID (manufacturer, device type, and revision)
I Low standby current
I −40 °C to +85 °C operation
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
PCA9674/74A
Remote 8-bit I/O expander for Fm+ I2C-bus with interrupt
Rev. 05 — 15 June 2009
Product data sheet


Similar Part No. - PCA9674ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9674ATS PHILIPS-PCA9674ATS Datasheet
194Kb / 34P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
More results

Similar Description - PCA9674ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9674 PHILIPS-PCA9674 Datasheet
194Kb / 34P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA8574 NXP-PCA8574 Datasheet
159Kb / 27P
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 02-14 May 2007
PCA8575 NXP-PCA8575 Datasheet
190Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 02-21 March 2007
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCF8574T-3.518 NXP-PCF8574T-3.518 Datasheet
800Kb / 33P
Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 5-27 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com