Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 25Page - NXP Semiconductors PCF2123 Datasheet HTML 26Page - NXP Semiconductors PCF2123 Datasheet HTML 27Page - NXP Semiconductors PCF2123 Datasheet HTML 28Page - NXP Semiconductors PCF2123 Datasheet HTML 29Page - NXP Semiconductors PCF2123 Datasheet HTML 30Page - NXP Semiconductors PCF2123 Datasheet HTML 31Page - NXP Semiconductors PCF2123 Datasheet HTML 32Page - NXP Semiconductors PCF2123 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
29 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
[1]
Example is given in a time range from 2:00 to 2:59.
[2]
Correction INT pulses are 1
⁄
128 s wide. For multiple pulses they are repeated at
1
⁄
64 s interval.
It is possible to monitor when correction pulses are applied. The correction interrupt
enable mode (bit CIE) will generate a 1
⁄
128 second pulse on INT for every correction
applied. In the case where multiple correction pulses are applied, a 1
⁄
128 second interrupt
pulse will be generated and repeated every 1
⁄
64 seconds.
Correction is applied to the 1 Hz clock. Any timer or clock output using a frequency of 1 Hz
or below will also be affected by the correction pulses.
Table 38.
Correction pulses for course mode
Correction value
Hour:Minute[1]
Correction pulses on INT per
minute[2]
+1 or
−1
02:00
1
02:01 to
02:59
0
+2 or
−2
02:00
1
02:01
1
02:02 to
02:59
0
+3 or
−3
02:00
1
02:01
1
02:02
1
02:03 to
02:59
0
:::
+59 or
−59
02:00 to
02:58
1
02:59
0
+60 or
−60
02:00 to
02:59
1
+61 or
−61
02:00 to
02:58
1
02:59
2
+62 or
−62
02:00 to
02:58
1
02:59
3
+63 or
−63
02:00 to
02:58
1
02:59
4
−64
02:00 to
02:58
1
02:59
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com